Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 43Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 44Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 45Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 46Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 47Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 48Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 49Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 50Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 245 page
background image
ST7LITE49K2
Supply, reset and clock management
47/245
7.4
System integrity management (SI)
The System Integrity Management block contains the Low voltage Detector (LVD) and
Auxiliary Voltage Detector (AVD) functions. It is managed by the SICSR register.
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Section 12.2.1 on page 189 for further details.
7.4.1
Low voltage detector (LVD)
The Low Voltage Detector function (LVD) generates a static reset when the VDD supply
voltage is below a VIT-(LVD) reference value. This means that it secures the power-up as well
as the power-down keeping the ST7 in reset.
The VIT-(LVD) reference value for a voltage drop is lower than the VIT+(LVD) reference value
for power-on in order to avoid a parasitic reset when the MCU starts running and sinks
current on the supply (hysteresis).
The LVD Reset circuitry generates a reset when VDD is below:
VIT+(LVD) when VDD is rising
VIT-(LVD) when VDD is falling
The LVD function is illustrated in Figure 17.
The voltage threshold can be configured by option byte to be low, medium or high. See
Section 14.1 on page 230.
Provided the minimum VDD value (guaranteed for the oscillator frequency) is above VIT-(LVD),
the MCU can only be in two modes:
Under full software control
In static safe reset
In these conditions, secure operation is always ensured for the application without the need
for external reset hardware.
During a Low Voltage Detector Reset, the RESET pin is held low, thus permitting the MCU
to reset other devices.
Note:
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur
in the application, it is recommended to pull VDD down to 0 V to ensure optimum restart
conditions. Refer to circuit example in Figure 122 on page 225 and note 4.
The LVD is an optional function which can be selected by option byte. See Section 14.1 on
page 230.
It allows the device to be used without any external RESET circuitry.
If the LVD is disabled, an external circuitry must be used to ensure a proper power-on reset.
It is recommended to make sure that the VDD supply voltage rises monotonously when the
device is exiting from Reset, to ensure the application functions properly.
Make sure that the right combination of LVD and AVD thresholds is used as LVD and AVD
levels are not correlated. Refer to section Section 13.3.2 on page 195 and Section 13.3.3 on
page 196 for more details.
Caution:
If an LVD reset occurs after a watchdog reset has occurred, the LVD will take priority and will
clear the watchdog flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com