Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 20Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 21Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 22Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 23Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 24Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 25Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 26Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 27Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 245 page
background image
Register and memory mapping
ST7LITE49K2
24/245
Figure 4.
ST7LITE49K2 memory map
1.
Refer to Table 3 for information on hardware registers mapping, and to Table 16 for interrupt vectors
addresses.
2.
Refer to Section 7.1.1: Internal RC oscillator for details on internal RC oscillator calibration.
1.
Legend: x=undefined, R/W=read/write.
2.
For a description of the Debug Module registers, see ICC protocol reference manual.
0000h
Flash Memory
Interrupt & Reset Vectors(1)
HW registers(1)
0080h
007Fh
FFE0h
FFFFh
Reserved
Short Addressing
RAM (zero page)
0080h
00FFh
E000h
DFFFh
FFDFh
128 bytes Stack
0100h
017Fh
8 Kbytes
DEE0h
RCCRH1
RCCRL1
01FFh
0200h
RAM
RAM
(384 bytes)
0180h
01FFh
DEE1h
DEE2h
RCCRH0
RCCRL0
DEE3h
E000h
(8 Kbytes)
Flash program memory
(4 Kbytes)
Sector 0
FFFFh
(4 Kbytes)
Sector 1
EFFFh
F000h
1000h
10FFh
Data EEPROM
(256 bytes)
1100h
Reserved
0FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com