Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 80Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 81Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 82Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 83Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 84Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 85Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 86Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 87Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 245 page
background image
On-chip peripherals
ST7LITE49K2
84/245
11.2
Dual 12-bit autoreload timer
11.2.1
Introduction
The 12-bit Autoreload timer can be used for general-purpose timing functions. It is based on
one or two free-running 12-bit upcounters with an Input Capture register and four PWM
output channels. There are 7 external pins:
Four PWM outputs
ATIC/LTIC pins for the Input Capture function
BREAK pins for forcing a break condition on the PWM outputs
11.2.2
Main features
Single timer or dual timer mode with two 12-bit upcounters (CNTR1/CNTR2) and two
12-bit autoreload registers (ATR1/ATR2)
Maskable overflow interrupts
PWM mode
Generation of four independent PWMx signals
Dead time generation for Half bridge driving mode with programmable dead time
Frequency 2 kHz - 4 MHz (@ 8 MHz fCPU)
Programmable duty-cycles
Polarity control
Programmable output modes
Output Compare mode
Input Capture mode
12-bit Input Capture register (ATICR)
Triggered by rising and falling edges
Maskable IC interrupt
Long range input capture
Internal/external break control
Flexible clock control
One Pulse mode on PWM2/3
Force update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com