Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 14Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 15Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 16Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 17Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 18Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 19Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 20Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 21Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 245 page
background image
Pin description
ST7LITE49K2
18/245
Legend / Abbreviations for Table 2:
Type: I = input, O = output, S = supply
In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger
Output level: HS = 20 mA high sink (on N-buffer only)
Port and control configuration:
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
Output: OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 2.
ST7LITE49K2 device pin description
Pin
number
Pin name
Level
Port/control
Main
function
(after
reset)
Alternate
function
Input
Output
1
5
PA3(HS)/ATPWM1
I/O
CT
HS
x
ei0
xx
Port A3
(HS)
ATPWM1
26
PA4(HS)/
ATPWM2/MCO
I/O
CT
HS
x
xx
Port A4
(HS)
ATPWM2/MC
O
3
7
PA5 (HS)ATPWM3
I/O
CT
HS
x
xx
Port A5
(HS)
ATPWM3
48
PA6(HS)/
I2CDATA
I/O
CT
HS
x
ei0
T
Port A6
(HS)
I2CDATA
5
9
PA7(HS)/I2CCLK
I/O
CT
HS
x
T
Port A7
(HS)
I2CCLK
6
10
RESET
x
xReset
812
VDD
(2)
S
Digital Supply Voltage
913
VSS
(2)
S
Digital Ground Voltage
10
14
OSC1/CLKIN
I
Resonator oscillator
inverter input or External
clock input
11
15
OSC2
O
Resonator oscillator
output
12
16
VSSA
(2)
S
Analog Ground Voltage
13
17
VDDA
(2)
S
Analog Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com