| Electronic Components Datasheet Search |
|
ST7LITE49K2 Datasheet(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49K2 Datasheet(HTML) 96 Page - STMicroelectronics |
|
96 / 245 page ![]() On-chip peripherals ST7LITE49K2 96/245 How to enter one pulse mode The steps required to enter One Pulse mode are the following: 1. Load ATR2H/ATR2L with required value. 2. Load DCR3H/DCR3L for PWM3. ATR2 value must be greater than DCR3. 3. Set OP3 in PWM3CSR if polarity change is required. 4. Select CNTR2 by setting ENCNTR2 bit in ATCSR2. 5. Set TRAN2 bit in ATCSR2 to enable transfer. 6. "Wait for Overflow" by checking the OVF2 flag in ATCSR2. 7. Select counter clock using CK<1:0> bits in ATCSR. 8. Set OP_EN bit in PWM3CSR to enable one-pulse mode. 9. Enable PWM3 by OE3 bit of PWMCR. The "Wait for Overflow" in step 6 can be replaced by a forced update. Follow the same procedure for PWM2 with the bits corresponding to PWM2. Note: When break is applied in one-pulse mode, CNTR2, DCR2/3 & ATR2 registers are reset. So, these registers have to be initialized again when break is removed. Figure 49. Block diagram of one pulse mode Figure 50. One pulse mode and PWM timing diagram LTIC pin Edge Selection OPEDGE PWM3CSR register OP_EN 12-bit AutoReload register 2 12-bit Upcounter 2 12-bit Active DCR2/3 Generation PWM OP2/3 PWM2/3 OVF ATR2 CNTR2 LTIC PWM2/3 000 DCR2/3 000 DCR2/3 ATR2 000 OVF ATR2 DCR2/3 OVF ATR2 DCR2/3 CNTR2 LTIC PWM2/3 fcounter2 fcounter2 Note 1: When OP_EN=0, LTIC edges are not taken into account as the timer runs in PWM mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |