Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 19Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 20Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 21Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 22Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 23Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 24Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 25Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 26Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 245 page
background image
ST7LITE49K2
Register and memory mapping
23/245
003Bh
003Ch
Clock and
Reset
RCCR
SICSR
RC oscillator Control register
System integrity control/status register
FFh
011x 0x00b
00h
R/W
R/W
R/W
003Dh
AVDTHCR
AVD threshold selection register / RC
prescaler
03h
R/W
003Eh to
0047h
Reserved area (10 bytes)
0048h
0049h
AWU
AWUCSR
AWUPR
AWU Control/Status register
AWU Preload register
FFh
00h
R/W
R/W
004Ah
004Bh
004Ch
004Dh
004Eh
004Fh
0050h
DM(2)
DMCR
DMSR
DMBK1H
DMBK1L
DMBK2H
DMBK2L
DMCR2
DM Control register
DM Status register
DM Breakpoint register 1 High
DM Breakpoint register 1 Low
DM Breakpoint register 2 High
DM Breakpoint register 2 Low
DM Control register 2
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0051h
Clock
Controller
CKCNTCSR
Clock Controller Status register
09h
R/W
0052h
Comparator
Voltage
Reference
VREFCR
Internal Voltage Reference Control
Register
00h
R/W
0053h
0054h
Comparator
CMPACR
CMPBCR
Comparator A & B and Internal
Reference Control Register
00h
R/W
0055h
0056h
0057h
0058h
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
0060h
0061h
0062h
0063h
16-bit Timer
TACR2
TACR1
TACSR
TAICHR1
TAICLR1
TAOCHR1
TAOCLR1
TACHR
TACLR
TAACHR
TAACLR
TAICHR2
TAICLR2
TAOCHR2
TAOCLR2
Timer A Control register 2
Timer A Control register 1
Timer A Control/status register
Timer A Input capture 1 high register
Timer A Input capture 1 low register
Timer A Output compare 1 high register
Timer A Output compare 1 low register
Timer A Output counter high register
Timer A Output counter low register
Timer A Alternate counter high register
Timer A Alternate counter low register
Timer A Input capture 2 high register
Timer A Input capture 2 low register
Timer A Output compare 2 high register
Timer A Output compare 2 low register
00h
00h
00h
xxh
xxh
80h
00h
FFh
FCh
FFh
FCh
xxh
xxh
80h
00h
R/W
R/W
Read Only
Read Only
Read Only
R/W
R/W
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
R/W
R/W
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
I2C
I2CCR
I2CSR1
I2CSR2
I2CCCR
I2COAR1
I2COAR2
I2CDR
I2C Control register
I2C Status register 1
I2C Status register 2
I2C Clock Control register
I2C Own Address register 1
I2C Own Address register 2
I2C Data register
00h
00h
00h
00h
00h
40h
00h
R/W
Read only
Read only
R/W
R/W
R/W
R/W
0070h
0071h
0072h
SPI
SPIDR
SPICR
SPISR
SPI Data register
SPI Control register
SPI Status register
0xh
00h
xxh
R/W
R/W
R/W
Table 3.
Hardware register map(1) (continued)
Address
Block
Register label
Register name
Reset status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com