Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 35Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 36Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 37Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 38Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 39Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 40Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 41Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 42Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 245 page
background image
ST7LITE49K2
Supply, reset and clock management
39/245
In 38-pulse ICC mode, the internal RC oscillator is forced as a clock source, regardless of
the selection in the option byte.
Section 13: Electrical characteristics on page 192 for more information on the frequency
and accuracy of the RC oscillator.
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100 nF, between the VDD and VSS pins and also between the VDDA and
VSSA pins as close as possible to the ST7 device.
These bytes are systematically programmed by ST, including on FASTROM devices.
Caution:
If the voltage or temperature conditions change in the application, the frequency may need
to be recalibrated. Refer to application note AN1324 for information on how to calibrate the
RC frequency using an external reference signal.
7.1.2
Auto-wakeup RC oscillator
The ST7LITE49K2 also contains an Auto-wakeup RC oscillator. This RC oscillator should be
enabled to enter Auto-wakeup from halt mode.
The Auto-wakeup (AWU) RC oscillator can also be configured as the startup clock through
the CKSEL[1:0] option bits (see Section 14.1: Option bytes on page 230).
This is recommended for applications where very low power consumption is required.
Switching from one startup clock to another can be done in run mode as follows (see
Figure 12):
Case 1 Switching from internal RC to AWU
1.
Set the RC/AWU bit in the CKCNTCSR register to enable the AWU RC oscillator
2.
The RC_FLAG is cleared and the clock output is at 1.
3.
Wait 3 AWU RC cycles till the AWU_FLAG is set
4.
The switch to the AWU clock is made at the positive edge of the AWU clock signal
5.
Once the switch is made, the internal RC is stopped
Case 2 Switching from AWU RC to internal RC
1.
Reset the RC/AWU bit to enable the internal RC oscillator
2.
Using a 4-bit counter, wait until 8 internal RC cycles have elapsed. The counter is
running on internal RC clock.
3.
Wait till the AWU_FLAG is cleared (1AWU RC cycle) and the RC_FLAG is set (2 RC
cycles)
4.
The switch to the internal RC clock is made at the positive edge of the internal RC clock
signal
5.
Once the switch is made, the AWU RC is stopped
1.
The DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area in non-volatile memory.
They are read-only bytes for the application code. This area cannot be erased or programmed by any ICC
operations.
For compatibility reasons with the SICSR register, CR[1:0] bits are stored in the 5th and 6th position of
DEE1 and DEE3 addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com