Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 89Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 90Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 91Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 92Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 93Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 94Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 95Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 96Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 245 page
background image
ST7LITE49K2
On-chip peripherals
93/245
Figure 47.
Long range input capture block diagram
Since the Input Capture flags (ICF) for both timers (AT4 timer and LT timer) are set when
signal transition occurs, software must mask one interrupt by clearing the corresponding
ICIE bit before setting the ICS bit.
If the ICS bit changes (from 0 to 1 or from 1 to 0), a spurious transition might occur on the
Input Capture signal because of different values on LTIC and ATIC. To avoid this situation, it
is recommended to do as follows:
1.
First, reset both ICIE bits.
2.
Then set the ICS bit.
3.
Reset both ICF bits.
4.
And then set the ICIE bit of desired interrupt.
Computing a pulse length in long Input Capture mode is not straightforward since both
timers are used. The following steps are required:
1.
At the first Input Capture on the rising edge of the pulse, we assume that values in the
registers are the following:
LTICR = LT1
ATICRH = ATH1
ATICRL = ATL1
Hence ATICR1 [11:0] = ATH1 & ATL1. Refer to Figure 48 on page 94.
2.
At the second Input Capture on the falling edge of the pulse, we assume that the values
in the registers are as follows:
LTICR = LT2
ATICRH = ATH2
ATICRL = ATL2
Hence ATICR2 [11:0] = ATH2 & ATL2.
LTIC
ATIC
ICS
1
0
12-bit Input Capture register
OFF
fcpu
fLTIMER
12-bit Upcounter1
12-bit AutoReload register
8-bit Input Capture register
8-bit Timebase Counter1
fOSC/32
LTICR
CNTR1
ATICR
ATR1
8 LSB bits
12 MSB bits
LITE TIMER
12-Bit ARTIMER
20
cascaded
bits
32 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com