Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 86Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 87Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 88Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 89Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 90Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 91Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 92Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 93Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 245 page
background image
On-chip peripherals
ST7LITE49K2
90/245
When a break function is activated (BAx bit =1 and BREN1/BREN2 =1):
The break pattern (PWM[3:0] bits in the BREAKCR1) is forced directly on the PWMx
output pins if respective OEx is set. (after the inverter).
The 12-bit PWM counter CNTR1 is put to its reset value, i.e. 00h (if BREN1 = 1).
The 12-bit PWM counter CNTR2 is put to its reset value,i.e. 00h (if BREN2 = 1).
ATR1, ATR2, Preload and Active DCRx are put to their reset values.
Counters stop counting.
When the break function is deactivated after applying the break (BAx bit go from 1 to 0 by
software), Timer takes the control of PWM ports.
Figure 43.
ST7LITE49K2 block diagram of break function
Output compare mode
To use this function, load a 12-bit value in the Preload DCRxH and DCRxL registers.
PWM0
PWM1
PWM2
PWM3
PWM0
PWM1
PWM2
PWM3
BREAKCR1 register
BREAK1 pin
(Inverters)
PWM0
PWM1
PWM2
PWM3
BP1EN
BA1
Level
Selection
BR1SEL
ENCNTR2 bit
BREN1 bit
PWM0/1 Break Enable
PWM2/3 Break Enable
OEx
BR1EDGE
Comparator1
BREAKCR2 register
SWBR1
SWBR2
-
-
BP2EN
BA2
BR2SEL BR2EDGE
BREAK2 pin
Comparator2
Level
Selection
0
0
1
1
BREN2 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com