Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 95Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 96Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 97Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 98Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 99Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 100Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 101Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 102Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 245 page
background image
ST7LITE49K2
On-chip peripherals
99/245
Bits 4:3 = CK[1:0] Counter clock selection bits
These bits are set and cleared by software and cleared by hardware after a reset. they
select the clock frequency of the counter.
Bit 2 = OVF1 Overflow flag
This bit is set by hardware and cleared by software by reading the ATCSR register. It
indicates the transition of the Counter1 CNTR1 from FFFh to ATR1 value.
0: No Counter Overflow Occurred
1: Counter Overflow Occurred
Bit 1 = OVFIE1 Overflow Interrupt Enable bit
This bit is read/write by software and cleared by hardware after a reset.
0: Overflow Interrupt Disabled.
1: Overflow Interrupt Enabled.
Bit 0 = CMPIE Compare Interrupt Enable bit
This bit is read/write by software and cleared by hardware after a reset. it can be used
to mask the interrupt generated when any of the cmpfx bit is set.
0: Output Compare Interrupt Disabled.
1: Output Compare Interrupt Enabled.
Counter register 1 high (CNTR1H)
Reset value: 0000 0000 (00h)
Counter register 1 low (CNTR1L)
Reset value: 0000 0000 (00h)
Bits 15:12 = Reserved
Table 37.
Counter clock selection
Counter clock selection
CK1
CK0
OFF
0
0
32 MHz
1
1
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
10
15
8
0
000
CNTR1_
11
CNTR1_
10
CNTR1_9
CNTR1_8
Read only
7
0
CNTR1_7
CNTR1_6
CNTR1_5
CNTR1_4
CNTR1_3
CNTR1_2
CNTR1_1
CNTR1_0
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com