Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 47Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 48Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 49Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 50Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 51Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 52Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 53Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 54Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 245 page
background image
ST7LITE49K2
Supply, reset and clock management
51/245
7.5.3
System integrity (SI) control/status register (SICSR)
Reset value: 011x 0x00 (xxh)
Bit 7 = Reserved, must be kept cleared
Bits 6:5 = CR[1:0] RC oscillator frequency adjustment bits
These bits, as well as CR[9:2] bits in the RCCR register must be written immediately
after reset to adjust the RC oscillator frequency and to obtain an accuracy of 1%. Refer
to Section 7.1.1: Internal RC oscillator on page 38.
Bit 4 = WDGRF Watchdog Reset flag
This bit indicates that the last reset was generated by the watchdog peripheral. It is set by
hardware (watchdog reset) and cleared by software (writing zero) or an LVD Reset (to
ensure a stable cleared state of the WDGRF flag when CPU starts). The WDGRF and the
LVDRF flags areis used to select the reset source (see Table 10: Reset source selection on
page 51).
Bit 3 = Reserved, must be kept cleared
Bit 2 = LVDRF LVD reset flag
This bit indicates that the last Reset was generated by the LVD block. It is set by
hardware (LVD reset) and cleared by software (by reading). When the LVD is disabled
by option byte, the LVDRF bit value is undefined.
The LVDRF flag is not cleared when another RESET type occurs (external or
watchdog), the LVDRF flag remains set to keep trace of the original failure.
In this case, a watchdog reset can be detected by software while an external reset can
not.
Bit 1 = AVDF Voltage detector flag
This read-only bit is set and cleared by hardware. If the AVDIE bit is set, an interrupt
request is generated when the AVDF bit is set. Refer to Figure 19 and to Section for
additional details.
0: VDD over AVD threshold
1: VDD under AVD threshold
7
0
0
CR1
CR0
WDGRF
0
LVDRF
AVDF
AVDIE
Read/write
Table 10.
Reset source selection
RESET source
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com