Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 75Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 76Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 77Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 78Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 79Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 80Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 81Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 82Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 245 page
background image
ST7LITE49K2
I/O ports
79/245
10.6
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and if the I bit in the CC register is cleared (RIM
instruction).
See application notes AN1045 software implementation of I2C bus master, and AN1048 -
software LCD driver
10.7
Device-specific I/O port configuration
The I/O port register configurations are summarized in Section 10.7.1: Standard ports and
Section 10.7.2: Other ports.
10.7.1
Standard ports
10.7.2
Other ports
M
Table 27.
Description of interrupt events
Interrupt event
Event flag
Enable
control bit
Exit from
Wait
Exit from
Halt
External interrupt on selected
external event
-
DDRx
ORx
Yes
Yes
Table 28.
PA5:0, PB7:0, PC7:4 and PC2:0 pins
Mode
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Table 29.
PA7:6 pins
Mode
DDR
OR
floating input
0
0
interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Table 30.
PC3 pin
Mode
DDR
OR
floating input
0
0
pull-up input
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com