Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 84Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 85Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 86Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 87Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 88Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 89Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 90Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 91Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 245 page
background image
On-chip peripherals
ST7LITE49K2
88/245
Figure 41.
PWM signal from 0% to 100% duty cycle
Dead time generation
A dead time can be inserted between PWM0 and PWM1 using the DTGR register. This is
required for half-bridge driving where PWM signals must not be overlapped. The non-
overlapping PWM0/PWM1 signals are generated through a programmable dead time by
setting the DTE bit.
DTGR[7:0] is buffered inside so as to avoid deforming the current PWM cycle. The DTGR
effect will take place only after an overflow.
Note:
1
Dead time is generated only when DTE=1 and DT[6:0]
0. If DTE is set and DT[6:0]=0,
PWM output signals will be at their reset state.
2
Half Bridge driving is possible only if polarities of PWM0 and PWM1 are not inverted, i.e. if
OP0 and OP1 are not set. If polarity is inverted, overlapping PWM0/PWM1 signals will be
generated.
3
Dead Time generation does not work at 1msec timebase.
COUNTER
t
FFDh
FFEh
FFFh
FFDh
FFEh
FFFh
FFDh
FFEh
DCRx=000h
DCRx=FFDh
DCRx=FFEh
DCRx=000h
ATR= FFDh
fCOUNTER
Dead time
DT 6:0
[] Tcounter1
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com