Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 24Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 25Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 26Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 27Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 28Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 29Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 30Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 31Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 245 page
background image
Flash programmable memory
ST7LITE49K2
28/245
4.5
Memory protection
There are two different types of memory protection: Read-Out Protection and Write/Erase
Protection which can be applied individually.
4.5.1
Read-out protection
Read-Out Protection, when selected provides a protection against program memory content
extraction and against write access to Flash memory. Even if no protection can be
considered as totally unbreakable, the feature provides a very high level of protection for a
general purpose microcontroller. Both program and data EEPROM memory are protected.
In Flash devices, this protection is removed by reprogramming the option. In this case, both
program and data EEPROM memory are automatically erased and the device can be
reprogrammed.
Read-Out Protection selection depends on the device type:
In Flash devices it is enabled and removed through the FMP_R bit in the option byte.
In ROM devices it is enabled by mask option specified in the option list.
4.5.2
Flash write/erase protection
Write/Erase Protection, when set, makes it impossible to both overwrite and erase program
memory. It does not apply to EEPROM data. Its purpose is to provide advanced security to
applications and prevent any change being made to the memory content. Write/Erase
Protection is enabled through the FMP_W bit in the option byte.
Caution:
Once set, Write/Erase Protection can never be removed. A write-protected Flash
device is no longer reprogrammable.
4.6
Related documentation
For details on Flash programming and ICC protocol, refer to the ST7 Flash Programming
Reference Manual and to the ST7 ICC Protocol Reference Manual.
4.7
Description of Flash control/status register (FCSR)
This register controls the XFlash erasing and programming using ICP, IAP or other
programming methods.
1st RASS Key: 0101 0110 (56h)
2nd RASS Key: 1010 1110 (AEh)
When an EPB or another programming tool is used (in socket or ICP mode), the RASS keys
are sent automatically.
Reset value: 000 0000 (00h)
7
0
00
000
OPT
LAT
PGM
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com