Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 100Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 101Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 102Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 103Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 104Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 105Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 106Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 107Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 245 page
background image
On-chip peripherals
ST7LITE49K2
104/245
Input capture register high (ATICRH)
Reset value: 0000 0000 (00h)
Bits 15:12 = Reserved.
Input capture register low (ATICRL)
Reset value: 0000 0000 (00h)
Bits 11:0 = ICR[11:0] Input Capture Data.
This is a 12-bit register which is readable by software and cleared by hardware after a
reset. The ATICR register contains captured the value of the 12-bit CNTR1 register
when a rising or falling edge occurs on the ATIC or LTIC pin (depending on ICS).
Capture will only be performed when the ICF flag is cleared.
Break enable register (BREAKEN)
Reset value: 0000 0011 (03h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = BREN2 Break enable for counter 2 bit
This bit is read/write by software. It enables the break functionality for Counter2 if BA bit
is set in BREAKCR. It controls PWM2/3 if ENCNTR2 bit is set.
0: No Break applied for CNTR2
1: Break applied for CNTR2
Bit 0 = BREN1 Break enable for counter 1 bit
This bit is read/write by software. It enables the break functionality for Counter1. If BA
bit is set, it controls PWM0/1 by default, and controls PWM2/3 also if ENCNTR2 bit is
reset.
0: No Break applied for CNTR1
1: Break applied for CNTR1
15
8
0000
ICR11
ICR10
ICR9
ICR8
Read only
7
0
ICR7
ICR6
ICR5
ICR4
ICR3
ICR2
ICR1
ICR0
Read only
7
0
000
000
BREN2
BREN1
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com