Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 116Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 117Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 118Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 119Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 120Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 121Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 122Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 123Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 245 page
background image
On-chip peripherals
ST7LITE49K2
120/245
Input capture
In this section, the index, i, may be 1 or 2 because there are two input capture functions in
the 16-bit timer.
The two input capture 16-bit registers (IC1R and IC2R) are used to latch the value of the
free-running counter after a transition detected by the ICAPi pin (see below).
ICiR register is a read-only register.
The active transition is software programmable through the IEDGi bit of control registers
(CRi).
Timing resolution is one count of the free running counter: (fCPU/CC[1:0]).
Procedure
To use the input capture function, select the following in the CR2 register:
Select the timer clock (CC[1:0]).
Select the edge of the active transition on the ICAP2 pin with the IEDG2 bit (the ICAP2
pin must be configured as floating input).
Select the following in the CR1 register:
Set the ICIE bit to generate an interrupt after an input capture coming from either the
ICAP1 pin or the ICAP2 pin
Select the edge of the active transition on the ICAP1 pin with the IEDG1 bit (the
ICAP1pin must be configured as floating input).
When an input capture occurs:
The ICFi bit is set
The ICiR register contains the value of the free running counter on the active transition
on the ICAPi pin (see Figure 61).
A timer interrupt is generated if the ICIE bit is set and the I bit is cleared in the CC
register. Otherwise, the interrupt remains pending until both conditions become true.
Clearing the input capture interrupt request (that is, clearing the ICFi bit) is done in two
steps:
1.
By reading the SR register while the ICFi bit is set.
2.
By accessing (reading or writing) the ICiLR register.
Note:
1
After reading the ICiHR register, transfer of input capture data is inhibited and ICFi is never
set until the ICiLR register is also read.
2
The ICiR register contains the free running counter value which corresponds to the most
recent input capture.
3
The two input capture functions can be used together even if the timer also uses the two
output compare functions.
4
In One Pulse mode and PWM mode only the input capture 2 can be used.
5
The alternate inputs (ICAP1 and ICAP2) are always directly connected to the timer. So any
transitions on these pins activate the input capture function. Moreover if one of the ICAPi pin
is configured as an input and the second one as an output, an interrupt can be generated if
MSB
LSB
ICiR
ICiHR
ICiLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com