Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 161Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 162Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 163Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 164Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 165Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 166Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 167Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 168Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 245 page
background image
ST7LITE49K2
On-chip peripherals
165/245
Figure 79.
Single master / multiple slave configuration
11.6.7
Low power modes
11.6.8
Interrupts
Note:
The SPI interrupt events are connected to the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding Enable Control Bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
MISO
MOSI
MOSI
MOSI
MOSI
MOSI
MISO
MISO
MISO
MISO
SS
SS
SS
SS
SS
SCK
SCK
SCK
SCK
SCK
5V
Slave
Device
Slave
Device
Slave
Device
Slave
Device
Master
Device
Table 50.
Low power mode descriptions
Mode
Description
Wait
No effect on SPI.
SPI interrupt events cause the device to exit from WAIT mode.
Halt
SPI registers are frozen.
In Halt mode, the SPI is inactive. SPI operation resumes when the device is
woken up by an interrupt with “exit from Halt mode” capability. The data received
is subsequently read from the SPIDR register when the software is running
(interrupt vector fetching). If several data are received before the wakeup event,
then an overrun error is generated. This error can be detected after the fetch of
the interrupt routine that woke up the Device.
Table 51.
Interrupt events
Interrupt event
Event
flag
Enable control
bit
Exit from Wait
Exit from Halt
SPI End of Transfer Event
SPIF
SPIE
Yes
No
Master Mode Fault Event
MODF
No
Overrun Error
OVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com