Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 54Page - Cirrus Logic CS7654 Datasheet HTML 55Page - Cirrus Logic CS7654 Datasheet HTML 56Page - Cirrus Logic CS7654 Datasheet HTML 57Page - Cirrus Logic CS7654 Datasheet HTML 58Page - Cirrus Logic CS7654 Datasheet HTML 59Page - Cirrus Logic CS7654 Datasheet HTML 60Page - Cirrus Logic CS7654 Datasheet HTML 61Page - Cirrus Logic CS7654 Datasheet HTML 62Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
CS7654
58
CLKOUT - Digital Output Data Clock, PIN 29.
Digital output clock. Output data transitions on the falling edge of CLKOUT and can be
latched on the rising edge. The CLKOUT rate is equal to twice the input mosaic pixel rate
multiplied by the current scaling ratio with Y and CrCb output data available on DOUT [9:0].
Analog
VREF - External voltage reference, PIN 51.
Input to an external voltage reference of 1.235V. Leave floating if unused.
ISET_DAC - DAC bias, PIN 52.
Connect this pin to analog ground ( AGND ) through a 4K00 Ohms 1% resistor.
ISET_PLL - PLL bias, PIN 63.
Connect this pin to analog ground ( AGND ) through a 6K00 Ohms 1% resistor.
SVID_Y - S-Video output, LUMA , PIN 57.
Current DAC output, must have a doubly terminated load of 75R0 Ohms 1% resistor.
SVID_C - S-Video output, CHROMA , PIN 56.
Current DAC output, must have a doubly terminated load of 75R0 Ohms 1% resistor.
COMP_VID - Composite video output, PIN 53.
Current DAC output, must have a doubly terminated load of 75R0 Ohms 1% resistor.
Miscellaneous
RESET - Master External Reset Control, PIN 41.
CMOS input which initiates a complete power-on reset, where all registers are reset to their
defaults, and the secondary I2C bus attempts to load any EPROM configuration information.
This pin operates in conjunction with bit 0 of register 00h. RESET is an active logic low input.
TEST2 - Test Pin, PIN 42.
Test pin, connect to DGND.
TEST1 - Test Pin, PIN 64.
Test pin, connect to DGND.
SCENABLE - Test Pin, PIN 45.
Test pin, connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com