Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 37Page - Cirrus Logic CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic CS7654 Datasheet HTML 42Page - Cirrus Logic CS7654 Datasheet HTML 43Page - Cirrus Logic CS7654 Datasheet HTML 44Page - Cirrus Logic CS7654 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
CS7654
41
Master Reset Register (00h at SA 0x34h )
MR
Setting bit MR0 to logic high will initiate a CS7654 master reset equivalent to executing an ex-
ternal reset using the RESET pin. All registers will be placed in their default state, and the down-
load of any external EPROM present on the secondary I2C bus will be initiated. The bit is self-cleared.
Status Register (01h at SA 0x34h)
EVNFLD
Logic high indicates even field of interline-transfer CCD. Logic low indicates odd field of inter-
line-transfer CCD. This bit provides a course means of synchronizing to the field rate.
NODEV
Logic high indicates that the addressed slave device on the secondary I2C bus did not respond.
[2C]
Flare control 6
r/w
00h
[2D]
Scaler control 1
r/w
00h
[2E]
Scaler control 2
r/w
00h
[2F]
Scaler control 3
r/w
00h
[30]
Config 0
r/w
00h
[31]
Config 1
r/w
00h
[32]
Config 2
r/w
00h
[33]
Config 3
r/w
00h
[34]
Config 4
r/w
00h
[35]
Config 5
r/w
00h
[36]
Config 6
r/w
00h
[37]
Config 7
r/w
00h
[38]
Config 8
r/w
00h
[39]
Config 9
r/w
00h
[3A]
Config 10
r/w
00h
[3B]
Config 11
r/w
00h
[3C]
Config 12
r/w
00h
[3D]
Config 13
r/w
00h
[3E]
Config 14
r/w
00h
[3F]
Config 15
r/w
00h
[40]
Jump 0
r/w
00h
[41]
Jump 1
r/w
00h
[42]
EEPROM control
r/w
00h
[43]
Config index
r/w
00h
[44]
Reserved
[FE]
Reserved
[FF]
Station address
r/w
1Ah
76543210
res
res
res
res
res
res
res
MR
Reserved
W
76543210
res
P4BYTE
res
HIZENB
INITACT
I2CBUSY
NODEV
EVNFLD
Reserved
R
Reserved
R
R
R
R
R
Address
Register Name
Type
Defaultvalue
Table 14. DSP Control Register (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com