Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 36Page - Cirrus Logic CS7654 Datasheet HTML 37Page - Cirrus Logic CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic CS7654 Datasheet HTML 42Page - Cirrus Logic CS7654 Datasheet HTML 43Page - Cirrus Logic CS7654 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
CS7654
40
Control Register of Color Space Processor Section: SA 0x34h
Address
Register Name
Type
Defaultvalue
[00]
Master reset
r/w
00h
[01]
Status
r only
00h
[02]
Pin i/o control
r/w
00h
[03]
Digital gain
r/w
08h
[04]
Scaler control
r/w
00h
[05]
Feature control
r/w
00h
[06]
Operation control 1
r/w
0Dh
[07]
Operation control 2
r/w
00h
[08]
Red balance
r/w
80h
[09]
Blue balance
r/w
80h
[0A]
Red saturation
r/w
80h
[0B]
Blue saturation
r/w
80h
[0C]
Gamma correction
r/w
01h
[0D]
Reserved
[0E]
Reserved
[0F]
Reserved
[10]
YR coefficient
r/w
80h
[11]
CrR coefficient
r/w
7Ch
[12]
CbR coefficient
r/w
E0h
[13]
YG coefficient
r/w
80h
[14]
CrG coefficient
r/w
E4h
[15]
CbG coefficient
r/w
DCh
[16]
YB coefficient
r/w
80h
[17]
CrB coefficient
r/w
ECh
[18]
CbB coefficient
r/w
7Ch
[19]
Slave data hold
r/w
00h
[1A]
EEPROM count LSB
r/w
00h
[1B]
EEPROM count MSB
r/w
00h
[1C]
Version_major
r only
FDh
[1D]
Version_minor
r only
00h
[1E]
Reserved
[1F]
Reserved
[20]
Low power
r/w
00h
[21]
Reserved
[22]
Reserved
[23]
Anti-alias
r/w
00h
[24]
Reserved
[25]
Reserved
[26]
Reserved
[27]
Flare control 1
r/w
00h
[28]
Flare control 2
r/w
00h
[29]
Flare control 3
r/w
00h
[2A]
Flare control 4
r/w
00h
[2B]
Flare control 5
r/w
00h
Table 14. DSP Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com