Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 25Page - Cirrus Logic CS7654 Datasheet HTML 26Page - Cirrus Logic CS7654 Datasheet HTML 27Page - Cirrus Logic CS7654 Datasheet HTML 28Page - Cirrus Logic CS7654 Datasheet HTML 29Page - Cirrus Logic CS7654 Datasheet HTML 30Page - Cirrus Logic CS7654 Datasheet HTML 31Page - Cirrus Logic CS7654 Datasheet HTML 32Page - Cirrus Logic CS7654 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
CS7654
29
Reserved Registers and Test Pins
To ensure proper operation of the CS7654, connect
and SCENABLE (pin 45) to ground, and connect
TEST1 (pin 64) and TEST2 (pin 42) to VDD. Reg-
isters 23h - 26h at SA 0x34h must be set to a value
of FFh after reset. All other reserved registers may
be left in their default states.
General Purpose I/O Port
The CS7654 has a GPIO port and register that is
available when the device is configured for I2C host
interface operation. The GPIO [2:0] pins operate as
input or outputs pins for the GPIO_DATA_REG
Register (0×0A at SA 0x00h). The GPIO [2:0] pins
are configured for input operation when the corre-
sponding GPIO_CTRL_REG [2:0] bits are set to 0
and output when set to 1. In GPIO input mode, the
CS7654 will latch the data on the [2:0] pins into the
corresponding bit locations of GPIO_DATA_REG
when it detects register address 0×0A at SA 0x00h
through the I2C interface. A detection of address
0×0A can happen in two ways. The first and most
common way this will happen is when address
0×0A is written to the CS7654 via its I2C interface.
The second method for detecting address 0×0A is
implemented by accessing register address 0×09 at
SA 0x00h through I2C. In I2C host interface opera-
tion, the CS7654 register address pointer will auto-
increment to address 0×0A after an address 0×09
access ( at SA 0x00h ).
CS7654 station address[7] +W
1Ah (addrs of low byte Count)
count value
CS7654 station address[7] +W
1Bh (addrs of high byte Count)
count value
Dest. station address + W
Dest. device address
data value
Dest. station address + W
EPROM Block 000 (binary)
Address 00h
Figure 17. Map of EPROM table for initialization
of registers
CS7654 station address[7] +W
0Ch (gamma reg. addrs)
data = select RGB ram
data [gamma loc 00h]
data [gamma loc 01h]
data [gamma loc FFh]
Figure 18. Map of EPROM table for storing
gamma ram initialization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com