Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic CS7654 Datasheet HTML 42Page - Cirrus Logic CS7654 Datasheet HTML 43Page - Cirrus Logic CS7654 Datasheet HTML 44Page - Cirrus Logic CS7654 Datasheet HTML 45Page - Cirrus Logic CS7654 Datasheet HTML 46Page - Cirrus Logic CS7654 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
CS7654
43
Operational Control Register (06h at SA 0x34h)
OBLU
Logic high causes the first line after VREF of the odd field to be processed as a BLUE line. Logic
low causes the first line of the odd field to be processed as a RED line.
EBLU
Logic high causes the first line after VREF of the even field to be processed as a BLUE line.
Logic low causes the first line of the even field to be processed as a RED line.
POSPIX
Logic “1” causes the first pixel of the first line to be treated as a positive pixel in the color sep-
aration block. Logic “0” causes the first pixel to be treated as a negative pixel. Try toggling this
bit if the colors appear “reversed.”
OE
The Output Enable Bit operates in conjunction with the external HIZEN Pin, as illustrated in Ta-
ble 15.
INREF
Logic “1” causes CS7654 to accept HREF input and VREF input pins as the reference inputs
signals. EAV and SAV codes in the CCD data stream are ignored. Logic “0” causes the internal
de-formatter to decode and follow the embedded EAV and SAV codes sent from the CCD dig-
itizer (as with the CS7615).
Operational Control Register II (07h at SA 0x34h)
CLIP_OFF
When set, excludes only 00 and FF from output data. Otherwise ITU BT 601 definition
TEST_AA
This bit is reserved for test purposes and may be set as a 1 or a 0.
Red Balance Register (08h at SA 0x34h)
RB[7:0]
The Red Balance register controls the red contribution to the R-Y chrominance signal. When
the register value is 00h, the red contribution is minimized; when the register value is FFh, the
red contribution is maximized. When the AWB correction is in progress, this register value is
adjusted such that the absolute magnitude of the R-Y signal is minimized.
76
5
4
3
210
res
res
res
INREF
OE
POSPIX
EBLU
OBLU
Reserved
Reserved
Reserved
R/W
R/W
R/W
R/W
R/W
OE Bit
HIZEN Pin
Digital Outputs
0
0
High-Z
0
1
High-Z
1
0
High-Z
1
1
Enabled
Table 15. OE Pin and Bit Operation
76543210
TEST_AA
CLIP_OFF
res
res
res
res
res
res
R/W
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
765
4321
0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com