Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 50Page - Cirrus Logic CS7654 Datasheet HTML 51Page - Cirrus Logic CS7654 Datasheet HTML 52Page - Cirrus Logic CS7654 Datasheet HTML 53Page - Cirrus Logic CS7654 Datasheet HTML 54Page - Cirrus Logic CS7654 Datasheet HTML 55Page - Cirrus Logic CS7654 Datasheet HTML 56Page - Cirrus Logic CS7654 Datasheet HTML 57Page - Cirrus Logic CS7654 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
CS7654
54
by an unused connector. The analog outputs should
not overlay the analog power plane to maximize
high frequency power supply rejection.
Analog Output Protection
To minimize the possibility of damage to the ana-
log output sections, make sure that all video con-
nectors are well grounded. The connector should
have a good DC ground path to the analog and dig-
ital power supply grounds. If no DC (and low fre-
quency) path is present, improperly grounded
equipment can impose damaging reverse currents
on the video out lines. Therefore, it is also a good
idea to use output filters that are AC coupled to
avoid any problems.
ESD and Latch up Protection
All MOS devices are sensitive to Electro Static
Discharge (ESD). When manipulating these devic-
es, proper ESD precautions are recommended to
avoid performance degradation or permanent dra-
mage.
To prevent latch up, make sure that the analog
ground and the digital ground are at the same po-
tential, it also apply to the analog supply and the
digital supply, they must be at the same potential.
At power up, make sure that the analog and digital
supply are settled to their nominal voltage before
applying any signal pin.
To further prevent from external voltage anomalies
a 3.3 V zener diode should be applied. The diode
should be located after the filter, close to the con-
nector. Anode connected to ground and cathode
connected to the video output pin.
External DAC Output Filter
If an output filter is required, the low pass filter
shown in Figure 19 can be used.
2.2
µH
330 pF
220 pF
OUT
IN
3.3 V
C
1
C
2
Figure 19. External Low Pass Filter
C2 should be chosen so that C1 = C2 + Ccable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com