Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 48Page - Cirrus Logic CS7654 Datasheet HTML 49Page - Cirrus Logic CS7654 Datasheet HTML 50Page - Cirrus Logic CS7654 Datasheet HTML 51Page - Cirrus Logic CS7654 Datasheet HTML 52Page - Cirrus Logic CS7654 Datasheet HTML 53Page - Cirrus Logic CS7654 Datasheet HTML 54Page - Cirrus Logic CS7654 Datasheet HTML 55Page - Cirrus Logic CS7654 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
CS7654
52
Jump Control 1 (41h at SA 0x34h)
This register contains the 8 LSBs of the EEPROM start address used when the JUMP bit is set (bit 2 register 42h
at SA 0x34h).
EEPROM Control (42h
at SA 0x34h)
State machine commands for loading EEPROM data after reset. (see extended EPROM configuration)
HALT
Writing a 1 to this bit stops the reading of EEPROM data.
SKIP
Writing a 1 to this bit forces the next EEPROM read cycle to occur at the address held in the
Configuration Control (n) register, where "n" is the value held in the Configuration Index Regis-
ter (43h
at SA 0x34h)
JUMP
Writing a 1 to this bit forces the next EEPROM access to occur at the address held in registers
40h and 41h
at SA 0x34h .
Configuration Index Register (43h at SA 0x34h)
This contains the DIP switch status at reset. (see extended EPROM configuration) The value of this register selects
the appropriate Configuration register when the SKIP command is executed.
Reserved Registers (44h - FEh at SA 0x34h)
These registers are reserved and return a value of 00h when read.
Station Address Register (FFh at SA 0x34h)
CS7654 station address of the color processor, 7 MSBs (the LSB of the complete 8-bit station address is determined
by the LSB which acts as a read/write direction bit).
765
4321
0
JMP7
JMP6
JMP5
JMP4
JMP3
JMP2
JMP1
JPM0
R/W
765
4321
0
res
res
res
res
res
JUMP
SKIP
HALT
R/W
765
4321
0
res
res
res
res
res
SW2
SW1
SW0
Reserved
R/W
765
4321
0
res
SA6
SA5
SA4
SA3
SA2
SA1
SA0
Reserved
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com