Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 17Page - Cirrus Logic CS7654 Datasheet HTML 18Page - Cirrus Logic CS7654 Datasheet HTML 19Page - Cirrus Logic CS7654 Datasheet HTML 20Page - Cirrus Logic CS7654 Datasheet HTML 21Page - Cirrus Logic CS7654 Datasheet HTML 22Page - Cirrus Logic CS7654 Datasheet HTML 23Page - Cirrus Logic CS7654 Datasheet HTML 24Page - Cirrus Logic CS7654 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
CS7654
21
tion PAL EBU color bars. For PAL color bars, the
CS7654 generates NTSC color bar values, which
are very close to standard PAL values.
Super White/Super Black support
The ITU-R BT.601 recommendation limits the al-
lowed range for the digital video data between
0×10 - 0×EB (16 - 235 ) for luma and between
0×10 - 0×F0 (16 - 240 ) for the chrominance values.
This chip will clip any digital input value which is
out of this range to conform to the ITU-R BT.601
specifications.
However for some applications it is useful to allow
a wider input range. By setting the CLIP_OFF bit
(CONTROL_6 register at Station Address 0x00)
the allowed input range is extended between 0×01
- 0×FE ( 1 - 254 ) for both luma and chrominance
values.
309
310
311
Analog
Field 1
Burst Phase = 135 degrees relative to U
Burst Phase = 225 degrees relative to U
312
313
1
2
3
4
5
6
7
23
24
309
Analog
Field 2
308
311
312
VSYNC Drops
12
3
4
5
6
7
23
24
310
309
310
311
Analog
Field 3
312
313
1
2
3
4
5
6
7
23
24
309
Analog
Field 4
308
311
312
12
3
4
5
6
7
23
24
310
Figure 8. PAL Video Non-Interlaced Progressive Scan Timing
System
Fsubcarrier
Value (hex)
NTSC-M, NTSC-J
3.5795455 MHz
43E0F83E
PAL-B, D, G, H, I, N
4.43361875 MHz
54131596
PAL-N (Argentina)
3.582056 MHz
43ED288D
PAL-M
3.579611 MHz
43CDDFC7
Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com