Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 43Page - Cirrus Logic CS7654 Datasheet HTML 44Page - Cirrus Logic CS7654 Datasheet HTML 45Page - Cirrus Logic CS7654 Datasheet HTML 46Page - Cirrus Logic CS7654 Datasheet HTML 47Page - Cirrus Logic CS7654 Datasheet HTML 48Page - Cirrus Logic CS7654 Datasheet HTML 49Page - Cirrus Logic CS7654 Datasheet HTML 50Page - Cirrus Logic CS7654 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
CS7654
47
Low Power Register (20h at SA 0x34h)
PD
Setting bit PD to “1” will place the CS7654 in low power mode.
Test Enable Register (21h at SA 0x34h)
This register is reserved.
Reserved Register (22h at SA 0x34h)
This register is reserved and returns a valud of 00 when read.
Anti-Alias (23h at SA 0x34h)
This register is reserved and must be set to 08h for normal operation.
Test_AA2 (24h at SA 0x34h)
This register is reserved and must be set to FFh for normal operation
Test_AA3 (25h at SA 0x34h)
This register is reserved and must be set to FFh for normal operation
Test_AA4 (26h at SA 0x34h)
This register is reserved and must be set to FFh for normal operation
Flare Control 1 (27h at SA 0x34h)
Y_THR[9:2]
Flare control filter Y threshold bits 9-2 (MSB). (Bits 1 and 0 set to 0.)
Flare Control 2 (28h at SA 0x34h)
Cr_L
[9:2]
Flare control filter Cr low threshold bits 9-2 (MSB).
765
4321
0
res
res
res
res
res
res
res
PD
Reserved
R/W
76543210
Y_THR9
Y_THR8
Y_THR7
Y_THR6
Y_THR5
Y_THR4
Y_THR3
Y_THR2
R/W
76543210
Cr_L9
Cr_L8
Cr_L7
Cr_L6
Cr_L5
Cr_L4
Cr_L3
Cr_L2
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com