Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 27Page - Cirrus Logic CS7654 Datasheet HTML 28Page - Cirrus Logic CS7654 Datasheet HTML 29Page - Cirrus Logic CS7654 Datasheet HTML 30Page - Cirrus Logic CS7654 Datasheet HTML 31Page - Cirrus Logic CS7654 Datasheet HTML 32Page - Cirrus Logic CS7654 Datasheet HTML 33Page - Cirrus Logic CS7654 Datasheet HTML 34Page - Cirrus Logic CS7654 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
CS7654
31
Chrominance DAC
The SVID_C pin is driven from a 10-bit 27 MHz
current output DAC that internally receives the
SVID_C or chrominance portion of the video sig-
nal (color only). SVID_C is designed to drive prop-
er video levels into a 37.5
Ω load. Reference the
detailed electrical section of this data sheet for the
exact SVID_C digital to analog AC and DC perfor-
mance data. A EN_C enable control register bit in
the Control Register 1 (0×05 at SA 0x00h) is pro-
vided to enable or disable the chrominance DAC.
For a complete disable and lower power operation
the chrominance DAC can be totally shut down via
the SVIDCHR_PD register bit in the Control Reg-
ister 4 (0×04 at SA 0x00h). In this mode turn-on
through the control register will not be instanta-
neous.
COMP_VID DAC
The COMP_VID pin is driven from a 10-bit
27 MHz current output DAC that internally re-
ceives a combined luma and chroma signal to pro-
vide composite video output. COMP_VID is
designed to drive proper composite video levels
into a 37.5
Ω load. Reference the detailed electrical
section of this data sheet for the exact COMP_VID
digital to analog ac and dc performance data. The
EN_COM enable control register bit, in Control
Register 1 (0×05 at SA 0x00h), is provided to en-
able or disable the output pin. When disabled, there
is no current flow from the output. For a complete
disable
and
lower
power
operation,
the
COMP_VID DAC can be totally shut down via the
COMDAC_PD control register bit in Control
Register 4 (0×04 at SA 0x00h). In this mode turn-
on through the control register will not be instanta-
neous.
Depending on the external resistor connected to the
ISET_DAC pin the output drive of the DACs can
be changed. There are two modes in which the
DACs should either be operated in. An external re-
sistor of 4 k
Ω must be connected to the ISET_DAC
pin.
The first mode is the high impedance mode
(LOW_IMP bit set to 0). The DAC outputs will
then drive a double terminated load of 300
Ω and
will output a video signal which conforms to the
analog video specifications for NTSC and PAL.
External buffers will be needed if the DAC output
load differs from 300
Ω.
The second mode is the low impedence mode
(LOW_IMP but set to 1). The DAC output will
then drive a double terminated load of 75
Ω and
will output a video signal which conforms to the
analog video specifications for NTSC and PAL. No
external buffers are necessary, the ouputs can di-
rectly drive a television input.
Note If some of the 3 DACs are not used, it is
strongly recommended to power them down (see
CONTROL_4 register) in order to reduce the pow-
er dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com