Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 23Page - Cirrus Logic CS7654 Datasheet HTML 24Page - Cirrus Logic CS7654 Datasheet HTML 25Page - Cirrus Logic CS7654 Datasheet HTML 26Page - Cirrus Logic CS7654 Datasheet HTML 27Page - Cirrus Logic CS7654 Datasheet HTML 28Page - Cirrus Logic CS7654 Datasheet HTML 29Page - Cirrus Logic CS7654 Datasheet HTML 30Page - Cirrus Logic CS7654 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
CS7654
27
or reading only to CS7654 registers are not put in
the queue but are executed immediately without af-
fecting any transactions occurring on the master
I2C interface.
Any attempt by the external I2C controller to write
to the CS7654 registers while the CS7654 is busy
initializing from an external EEPROM will be ig-
nored. However, reads from the CS7654 are al-
lowed during this time.
If, during a READ or WRITE operation to a slave
device, the CS7654 fails to receive an acknowledge
bit the execution of the command is aborted and the
NODEV bit in the status register is set high. This
bit remains set unless it is explicitly cleared by
writing to it or a new command is written to
CS7654.
Read Operations in Four-Byte Mode
The READ operation in four-byte mode first re-
quires a three-byte READ-TRIGGER packet to the
CS7654. The first byte is the station address of the
CS7654 with the LSB set LOW. The second byte is
the target slave device’s station address with the
LSB (data direction bit) set HIGH. The third byte is
the register address (0..255).
The READ-TRIGGER packet initiates a READ
operation by the CS7654 from the target slave de-
vice on the secondary I2C bus. The status register
in the CS7654 may be checked to see if the read op-
eration has been completed. The I2CBUSY bit in
status register 01h at SA 0x34h is set to zero when
the operation is completed.
On completion of a read cycle from the target de-
vice, the CS7654 places the data read into the Slave
Data Hold register at address 19h at SA 0x34h. The
external controller can read this data through the
primary I2C port. This requires first performing an
ADDRESS SET operation to set the address to 19h
at SA 0x34h and then sending a one-byte station
address indicating read to the CS7654. The data
from register 19h at SA 0x34h is then returned by
the CS7654.
Initializing Slave Devices on Secondary I
2C
bus from an EPROM
An EPROM may be attached to the secondary I2C
bus for initialization purposes. Resetting the
CS7654 initiates a download of register values
from the EPROM into any of the slave devices on
the secondary I2C bus. The EPROM is assumed to
be at station address A0h. If during initialization,
the CS7654 does not receive an acknowledge bit
from the EPROM, all transactions with the
Byte Sequence
WRITE Format Packet Detail
First Byte
Station Address of CS7654 with LSB
Set LOW
Second Byte
Station Address of target slave
device with LSB Set LOW
Third Byte
Device Register Address (0..255)
Fourth Byte
Register Data (0..255)
Table 9. Four-byte WRITE Format Packet
Byte Sequence
READ-TRIGGER format Packet
Details
First Byte
CS7654 Station Address with LSB
Set LOW
Second Byte
Target device Station Address with
LSB Set HIGH
Third Byte
Device Register Address (0..255)
Table 10. READ-TRIGGER packet in four-byte mode
Byte Sequence
WRITE Format Packet Detail
First Byte
Station Address of CS7654 with
LSB Set LOW
Second Byte
Station Address of CS7654 with
LSB Set LOW
Third Byte
Slave Data Hold reg. address 19h
Table 11. Address Set for Slave Data Hold register in
Four-byte mode
Byte Sequence
READ Format Packet Details
First Byte
CS7654 Station Address with LSB
set HIGH.
Second Byte
Returned data from register 19h of
CS7654
Table 12. READ Format Packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com