Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 4Page - Cirrus Logic CS7654 Datasheet HTML 5Page - Cirrus Logic CS7654 Datasheet HTML 6Page - Cirrus Logic CS7654 Datasheet HTML 7Page - Cirrus Logic CS7654 Datasheet HTML 8Page - Cirrus Logic CS7654 Datasheet HTML 9Page - Cirrus Logic CS7654 Datasheet HTML 10Page - Cirrus Logic CS7654 Datasheet HTML 11Page - Cirrus Logic CS7654 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
CS7654
8
GENERAL DESCRIPTION
Overview
The CS7654 is a complete color space converter
and multi-standard digital video encoder imple-
mented in current CMOS technology. It provides
all necessary digital image processing for standard
four-color interline transfer CCD imagers. The
CS7654 processes the magenta, yellow, cyan, and
green (MYCG) CCD imager data into YCrCb for-
matted component and into NTSC-M, NTSC-J,
PAL-B, PAL-D, PAL-G, PAL-H, PAL-I, PAL-M,
PAL-N, or PAL-N Argentina-compatible analog
video.
Two 10-bit DAC outputs provide high quality S-
Video analog output while another 10-bit DAC si-
multaneously generates composite analog video.
In order to lower overall system costs, the CS7654
provides an internal voltage reference that elimi-
nates the requirement for an external, discrete,
three-pin voltage reference.
The CS7654 forms the heart of a four chip digital
CCD Camera. The four chips include the CCD im-
ager, the CS7615 CCD digitizer, the CS7654 color
space processor, and a vertical drive interface-chip
for the CCD imager. Most four-phase CCD imag-
ers (and their associated vertical drives) can be
used with the CS7615 digitizer and the CS7654
processor to form a simple and cost-effective Ana-
log output format digital camera. The CS7615 and
CS7654 together support imager formats ranging
from 175×175 pixels up to 1000x1000 pixels. Tim-
ing control is located in the CS7615 analog proces-
sor, while the CS7654 synchronizes itself by
decoding the timing cues embedded in the CS7615
data stream. Alternately, the CS7654 accepts hori-
zontal and vertical timing signals on HREFIN and
VREFIN pins. The block diagram in Figure 1 illus-
trates a typical system interconnect.
The CS7654 provides color separation of standard
MYCG chroma block data from industry standard
four-color CCD imagers. Gamma correction and
white balance adjustment functions are also includ-
ed in the CS7654. The YCrCb (luminance and
chrominance) data is output at twice the scaled
pixel rate in 10-bit format. The digital YCrCb out-
put data from the CS7654 conforms to the ITU-656
parallel component digital video recommendation
with embedded synchronization (see Embedded
EAV and SAV discussion).
The CS7654 incorporates an internal horizontal
scaler which may be turned on to increase the hor-
izontal pixel count of the popular 360 (CIF) and
512 horizontal pixel per line imagers. The most
common target resolutions for the scaler are 640
and 720 pixels per line (square and rectangular pix-
el formats), but it is possible to provide generic
scaling of M/N where M and N are values from 1 to
31.
The CS7615 and CS7654 chip set supports a wide
range of imager formats while providing an output
format that follows the ITU-601 Component Digi-
tal Video recommendation. The ITU-601 docu-
ment primarily specifies horizontal resolutions of
720 active horizontal pixels (which is required for
broadcast
television
compatibility).
However,
many of today’s digital video receivers are capable
of operating with a wide range of video image for-
mats. Even though these digital video receivers al-
low image formats not specified in the ITU-
601/656 recommendation, all of these receivers ex-
pect the basic ITU-601/656 protocol to be followed
in terms of data sequence and timing cues. This is
the case with the CS7654, where all output formats
CCD
Bias
Vertical
Drive
Timing
CDS/ADC
+18V to +12V
6
6
2
+5V
CS7654
512x480
CS7615
CCD
Image
Processor
I2C
I2C
Figure 1. Typical 4-Chip Digital CCD Camera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com