Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 5 Page - Cirrus Logic

  CS7654 Datasheet HTML 1Page - Cirrus Logic CS7654 Datasheet HTML 2Page - Cirrus Logic CS7654 Datasheet HTML 3Page - Cirrus Logic CS7654 Datasheet HTML 4Page - Cirrus Logic CS7654 Datasheet HTML 5Page - Cirrus Logic CS7654 Datasheet HTML 6Page - Cirrus Logic CS7654 Datasheet HTML 7Page - Cirrus Logic CS7654 Datasheet HTML 8Page - Cirrus Logic CS7654 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
CS7654
5
POWER CONSUMPTION (T
A = 25 °C; VDD = 5 V; CL = no load; Input Levels: logic 0 = 0 V, logic 1 = VDD.)
Notes: 1. Low-Z - 3 dacs on
2. Output current levels with ISET = 4 K
Ω , VREF = 1.232 V.
3. DACs are set to low impedance mode
4. DACs are set to high impedance mode
5. Times for black-to-white-level and white-to-black-level transitions.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply
Supply Voltage
VAA
4.75
5.0
5.25
V
Digital Supply Current (Encoder)
IAA1
-
70
mA
Analog Supply (Encoder)
Low-Z
(Note 1)
IAA2
-
100
-
mA
Power Supply Rejection Ratio
PSRR
-
0.02
0.05
%/%
Normal Mode
IDD
-150
200
mA
Low Power Mode
IDD
-7
16
mA
Analog Outputs
Full Scale Output Current COMP_VID/Y/C
(Notes 2, 3)
IO
32.9
34.7
36.5
mA
Full Scale Output Current COMP_VID/Y/C
(Notes 2, 4)
IO
8.22
8.68
9.13
mA
LSB Current COMP_VID/Y/C
(Notes 2, 3)
IB
32.2
33.9
35.7
mA
LSB Current COMP_VID/Y/C
(Notes 2, 4)
IB
8.04
8.48
8.92
mA
DAC-to DAC Matching
MAT
-
2
-
%
Output Compliance
VOC
0
-
+ 1.4
V
Output Impedance
ROUT
-
15
-
k
Output Capacitance
COUT
-
-
30
pF
DAC Output Delay
ODEL
-
4
12
nsec
DAC Rise/Fall Time
(Note 5)
TRF
-
2.5
5
nsec
CLKIN2X
CLKIN
Mosaic
Input Data
DI[9:0]
tH2
tS2
tH1
tS1
CLKOUT
Output Data
DOA[9:0]
DOB[9:0]
tPD
t OH
Input Timing Diagram
Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com