Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 33Page - Cirrus Logic CS7654 Datasheet HTML 34Page - Cirrus Logic CS7654 Datasheet HTML 35Page - Cirrus Logic CS7654 Datasheet HTML 36Page - Cirrus Logic CS7654 Datasheet HTML 37Page - Cirrus Logic CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
CS7654
37
Subcarrier Amplitude Register at SA 0x00h
Address
0
×10
SC_AMP
Read/Write
Default Value = 1Ch
Subcarrier Synthesis Register at SA 0x00h
Address
0
×11
SC_SYNTH0
Read/Write
Default Value = 3Eh
0
×12
SC_SYNTH1
F8h
0
×13
SC_SYNTH2
E0h
0
×14
SC_SYNTH3
43h
Hue LSB Adjust Register at SA 0x00h
Address
0
×15
HUE_LSB
Read/Write
Default Value = 00h
Hue MSB Adjust Register at SA 0x00h
Address
0
×16
HUE_MSB
Read/Write
Default Value = 00h
Bit Number
7
654
32
10
Bit Name
BU AMP
Default
0
001
11
00
Bit
Mnemonic
Function
7:0
BU AMP
Color burst amplitude
Register
Bits
Mnemonic
Function
SC_SYNTH0
7:0
CC 0
Subcarrier synthesis bits 7:0
SC_SYNTH1
7:0
CC 1
Subcarrier synthesis bits 15:8
SC_SYNTH2
7:0
CC 2
Subcarrier synthesis bits 23:16
SC_SYNTH3
7:0
CC 3
Subcarrier synthesis bits 31:24
Bit Number
765
432
10
Bit Name
HUE LSB
Default
000
000
00
Bit
Mnemonic
Function
7:0
HUE LSB
8 LSBs for hue phase shift
Bit Number
7
654
32
10
Bit Name
RESERVED
MSB
Default
0
000
00
00
Bit
Mnemonic
Function
7:2
-
reserved
1:0
HUE MSB
2 MSBs for hue phase shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com