Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 49Page - Cirrus Logic CS7654 Datasheet HTML 50Page - Cirrus Logic CS7654 Datasheet HTML 51Page - Cirrus Logic CS7654 Datasheet HTML 52Page - Cirrus Logic CS7654 Datasheet HTML 53Page - Cirrus Logic CS7654 Datasheet HTML 54Page - Cirrus Logic CS7654 Datasheet HTML 55Page - Cirrus Logic CS7654 Datasheet HTML 56Page - Cirrus Logic CS7654 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
CS7654
53
BOARD DESIGN AND LAYOUT
CONSIDERATIONS
The printed circuit layout should be optimized for
lowest noise on the CS7654 placed as close to the
output connectors as possible. All analog supply
traces should be as short as possible to minimize in-
ductive ringing.
A well designed power distribution network is es-
sential in eliminating digital switching noise. The
ground planes must provide a low-impedance re-
turn path for the digital circuits. A PC board with a
minimun of four layers is recommended. The
ground layer should be used as a shield to isolate
noise from the analog traces. The top layer (1)
should be reserved for analog traces but digital
traces can share this layer if the digital signals have
low edge rates and switch little current or if they are
separated from the analog traces by a signigicant
distance (dependent on their frequency content and
current). The second layer should then be the
ground plane followed by the analog power plane
on layer three and the digital signal layer on layer
four.
Power and Ground Planes
The power and ground planes need isolation gaps
of at least 0.05" to minimize digital switching noise
effects on the analog signals and components. A
split analog/digital ground plane should be con-
nected at one point as close as possible to the
CS7654.
Power Supply Decoupling
Start by reducing power supply ripple and wiring
harness inductance by placing a large (33-100 µF)
capacitor as close to the power entry point as pos-
sible. Use separate power planes or traces for the
digital and analog sections even if they use the
same supply. If necessary, further isolate the digital
and analog power supplies by using ferrite beads on
each supply branch followed by a low ESR capac-
itor.
Place all decoupling caps as close as possible the
the device as possible. Surface mount capacitors
generally have lower inductance than radial lead or
axial lead components. Surface mount caps should
be place on the component side of the PCB to min-
imize inductance caused by board vias. Any vias,
especially to ground, should be as large as possible
to reduce their inductive effects.
Digital Interconnect
The digital inputs and outputs of the CS7654
should be isolated from the analog outputs as much
as possible. Use separate signal layers whenever
possible and do not route digital signals over the
analog power and ground planes.
Noise from the digital section is related to the digi-
tal edge rates used. Ringing, overshoot, under-
shoot, and ground bounce are all related to edge
rate. Use lower speed logic such as HCMOS for the
host port interface to reduce switching noise. For
the video input ports, higher speed logic is re-
quired, but use the slowest practical edge rate to re-
duce noise. To reduce noise, it is important to
match the source impedance, line impedance, and
load impedance as much as possible. Generally, if
the line length is greater than one fourth the signal
edge rate, line termination is necessary. Ringing
can also be reduced by damping the line with a se-
ries resistor (22-150
Ω). Under extreme cases, it
may be advisable to use microstrip techniques to
further reduce radiated switching noise if very fast
edge rates (<2 ns) are used. If microstrip tech-
niques are used, split the analog and digital ground
planes and use proper RF decoupling techniques.
Analog Interconnect
The CS7654 should be located as close as possible
the output connectors to minimize noise pickup and
reflections due to impedance mismatch. All unused
analog outputs should be placed in shutdown. This
reduces the total power that the CS7654 requires,
and eliminates the impedance mismatch presented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com