Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 16Page - Cirrus Logic CS7654 Datasheet HTML 17Page - Cirrus Logic CS7654 Datasheet HTML 18Page - Cirrus Logic CS7654 Datasheet HTML 19Page - Cirrus Logic CS7654 Datasheet HTML 20Page - Cirrus Logic CS7654 Datasheet HTML 21Page - Cirrus Logic CS7654 Datasheet HTML 22Page - Cirrus Logic CS7654 Datasheet HTML 23Page - Cirrus Logic CS7654 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
CS7654
20
In mode 1 the CS7654 displays the image captured
by the camera.
Multi-standard Output Format Modes
The CS7654 supports a wide range of analog out-
put formats compatible with worldwide broadcast
standards. These formats include NTSC-M, NTSC-
J, PAL-B/D/G/H/I, PAL-M, PAL-N, and PAL
Combination N (PAL-Nc) which is the broadcast
standard used in Argentina. After RESET, the
CS7654 defaults to NTSC-M operation with ITU
R.BT 601 analog timing. NTSC-J can also be sup-
ported in the Japanese format by turning off the 7.5
IRE
pedestal
through
the
PED
bit
in
the
CONTROL_1 Register (0x01) at SA 0x00.
Output formats are configured by writing control
registers with the values shown in Table 5.
Subcarrier Generation
The CS7654 automatically synthesizes NTSC and
PAL color subcarrier clocks using the CLK fre-
quency
and
four
control
registers
(SC_SYNTH0/1/2/3). The NTSC subcarrier syn-
thesizer is reset every four fields (every eight fields
for PAL).
The SC_SYNTH0/1/2/3 registers used together
provide a 32-bit value that defaults to NTSC
(43E0F83Eh) following RESET. Table 4 shows the
32-bit value required for each of the different
broadcast formats.
Color Bar Generator
The CS7654 is equipped with a color bar generator
that is enabled through the CBAR bit of the
CONTROL_1 Register lodated at SA 0x00. The
color bar generator works in master Mode only and
has no effect on the video input/output timing. The
color bar generator will override the video input
pixel data.
The output of the color bar generator is instantiated
after the chroma interpolation filter and before the
luma delay line. The generated color bar numbers
are for 100% amplitude, 100% saturation NTSC
EIA color bars or 100% amplitude, 100% satura-
261
262
12
3
4
5
6
7
8
9
Start of
VSYNC
10
22
Field 1
Burst begins with positive half-cycle
Burst begins with negative half-cycle
Burst phase = reference phase = 180 relative to B-Y
0
Burst phase = reference phase = 180 relative to B-Y
0
262
263
12
3
4
5
6
7
8
9
10
22
261
262
12
3
4
5
6
7
8
9
10
22
262
263
12
3
4
5
6
7
8
9
10
22
Field 2
Field 3
Field 4
Start of
VSYNC
Figure 7. NTSC Video Non-Interlaced Progressive Scan Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com