Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 2Page - Cirrus Logic CS7654 Datasheet HTML 3Page - Cirrus Logic CS7654 Datasheet HTML 4Page - Cirrus Logic CS7654 Datasheet HTML 5Page - Cirrus Logic CS7654 Datasheet HTML 6Page - Cirrus Logic CS7654 Datasheet HTML 7Page - Cirrus Logic CS7654 Datasheet HTML 8Page - Cirrus Logic CS7654 Datasheet HTML 9Page - Cirrus Logic CS7654 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
CS7654
6
POWER CONSUMPTION (Continued)
CONTROL PORT CHARACTERISTICS (T
A = 25 °C; VDD = 5 V; Input Levels: logic 0 = 0 V, logic
1 = VDD.)
Parameter
Symbol
Min
Typ
Max
Units
Voltage Reference
Reference Voltage Output
VOV
1.170
1.232
1.294
V
Rreference Input Current
UVC
-
-
10
uA
Static Performance
DAC Resolution
-
-
10
Bits
Differential Non-Linearity
DNL
-1
+ 0.5
+ 1
LSB
Integral Non-Linearity
INL
- 2
+ 1+ 2
LSB
Dynamic Performance
Differential Gain
DG
-
2
5
%
Differential Phase
DP
-
+ 0. 5
+ 2deg
Hue Accuracy
HA
-
-
2
deg
Signal to Noise Ratio
SNR
70
-
-
dB
Saturation Accuracy
SAT
-
1
2
%
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fSCL
-400
kHz
Bus Free Time Between Transmissions
tbuf
1.3
-
µs
Start Condition Hold Time
thdst
0.6
-
µs
Clock Pulse Width
High
Low
thigh
tlow
0.6
1.3
-
-
µs
µs
Setup Time for Repeat Start Condition
tsust
0.6
-
µs
SDAIN Hold Time from SCL Falling
thdd
0-
µs
SDAIN Setup Time from SCL Rising
tsud
0.1
-
µs
SDAIN and SCL Rise Time
tr
-1.0
µs
SDAIN and SCL Fall Time
tf
-0.3
µs
Setup Time for Stop Condition
tsusp
0.6
-
µs
t
buf
t
hdst
t hdst
t
low
t
r
t f
t
hdd
t high
t
sud
t
sust
t
susp
Stop
Start
Start
Stop
Repeated
SD A
S CL
I
2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com