Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 32Page - Cirrus Logic CS7654 Datasheet HTML 33Page - Cirrus Logic CS7654 Datasheet HTML 34Page - Cirrus Logic CS7654 Datasheet HTML 35Page - Cirrus Logic CS7654 Datasheet HTML 36Page - Cirrus Logic CS7654 Datasheet HTML 37Page - Cirrus Logic CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
CS7654
36
GPIO Data Register at SA 0x00h
Address
0
×0A
GPIO_REG
Read/Write
Default Value = 00h
Sync Register 0 at SA 0x00h
Address
0
×0D
Sync_0
Read/Write
Default Value = 90h
Sync Register 1 at SA 0x00h
Address
0
×0E
Sync_1
Read/Write
Default Value = F4h
I2C Address Register of TV encoder at SA 0x00h
Address
0
×0F
I2C_ADR
Read/Write
Default Value = 00h
Bit Number
7
6
5
432
10
Bit Name
GPIO REG
Default
resres
resres
res
0
0
0
Bit
Mnemonic
Function
2:0
GPIO REG
GPIO data register ( data is output on GPIO bus if appropriate bit in address 09 is set
to “1”, otherwise data is input/output through I2C)- This register is only accessible in
I2C mode.
Bit Number
765432
10
Bit Name
res
res
res
res
res
res
res
res
Default
100100
00
Bit
Mnemonic
Function
7:0
Reserved
Bit Number
76
54
32
10
Bit Name
res
res
res
res
res
res
res
res
Default
11
11
01
00
Bit
Mnemonic
Function
7:0
res
res
Bit Number
7
654321
0
Bit Name
RESERVED
I2C ADR
Default
0
000000
0
Bit
Mnemonic
Function
7-
reserved
6:0
I2C
I2C device address (programmable) do not program to 34h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com