Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 34Page - Cirrus Logic CS7654 Datasheet HTML 35Page - Cirrus Logic CS7654 Datasheet HTML 36Page - Cirrus Logic CS7654 Datasheet HTML 37Page - Cirrus Logic CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic CS7654 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
CS7654
38
SCH Sync Phase Adjust at SA 0x00h
Address
0
×17
SCH
Read/Write
Default Value = 00h
Closed Caption Enable Register at SA 0x00h
Address
0
×18
CC_EN
Read/Write
Default Value = 00h
Closed Caption Data Register at SA 0x00h
Address
0
×19
CC_21_1
Read/Write
Default Value = 00h
0
×1A
CC_21_2
00h
0
×1B
CC_284_1
00h
0
×1C
CC_284_2
00h
Filter Register 0 at SA 0x00h
Address
0
×22
CB_AMP
Read/Write
Default Value = 80h
Filter Register 1 at SA 0x00h
Address
0
×23
CR_AMP
Read/Write
Default Value = 80h
Bit
Mnemonic
Function
7:0
SCH
Default - 00h in increments of
≈1.4 degree per bit up to 360°
Bit Number
7
65432
1
0
Bit Name
RESERVED
EN_284
EN_21
Default
0
00000
0
0
Bit
Mnemonic
Function
7:2
-
reserved
1
CC EN[1]
enable closed caption for line 284
0
CC EN[0]
enable closed caption for line 21
Bit
Mnemonic
Function
7:0
CC_21_1
first closed caption databyte of line 21
7:0
CC_21_2
second closed caption databyte of line 21
7:0
CC_284_1
first closed caption databyte of line 284
7:0
CC_284_2
second closed caption databyte of line 284
Bit Number
765
432
10
Bit Name
U_AMP
Default
100
000
00
Bit
Mnemonic
Function
7:0
U_AMP
U(Cb) amplitude coefficient
Bit Number
765
432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com