Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 8Page - Cirrus Logic CS7654 Datasheet HTML 9Page - Cirrus Logic CS7654 Datasheet HTML 10Page - Cirrus Logic CS7654 Datasheet HTML 11Page - Cirrus Logic CS7654 Datasheet HTML 12Page - Cirrus Logic CS7654 Datasheet HTML 13Page - Cirrus Logic CS7654 Datasheet HTML 14Page - Cirrus Logic CS7654 Datasheet HTML 15Page - Cirrus Logic CS7654 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
CS7654
12
CLKIN2X Input Timing
The CLKIN2X, pin 59, will always require a pri-
mary pixel rate clock source. CCD manufacturers
generally specify a pixel clock frequency that is
compatible with one of the analog encoders that
can be used with a given imager. If the analog out-
put is used, the clock frequency input must be
matched precisely. However, digital display sys-
tems, such as those based on VGA graphics adapter
cards and Zoom Video systems, are generally not
sensitive to pixel clock frequency, and will tolerate
a wide range of pixel and frame rates.
Specific pixel-rate clock frequencies for analog en-
coders include 14.31818 MHz for 768H imagers,
the primary ITU-601 13.5 MHz for 720H imagers,
and down to 12.272727 MHz clock rates for 640H
VGA format imagers.
CLKOUT_GRG
CLKOUT_GRG follows the output data rate The
clock output is at 2x the output luma sample rate,
there is no non-interlaced digital output on the
CS7654.
Mode
CCD Format
CCD Clock (MHz)
Output Format
Input Clock (MHz)
Scaling Ratio
000
CCD
½ input clock
same as CCD
(30 MHz max.)
1:1
001
512x480
9.818
640x480
24.5454
4:5
010
512x480
9.346
720x480
27.000
9:13
011
512x576
9.281
720x480
27.000
11:16
100
362x480
6.75
640x480
24.5454
11:20
101
362x480
6.75
720x480
27.000
1:2
362x576
6.75
720x576
27.000
110
512x576
9.563
720x576
27.000
17:24
111
512x480
9.000
720x480
27.000
2:3
512x576
9.000
720x576
27.000
Table 2. Default Scaling Modes (Register 04h at SA34h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com