Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 44Page - Cirrus Logic CS7654 Datasheet HTML 45Page - Cirrus Logic CS7654 Datasheet HTML 46Page - Cirrus Logic CS7654 Datasheet HTML 47Page - Cirrus Logic CS7654 Datasheet HTML 48Page - Cirrus Logic CS7654 Datasheet HTML 49Page - Cirrus Logic CS7654 Datasheet HTML 50Page - Cirrus Logic CS7654 Datasheet HTML 51Page - Cirrus Logic CS7654 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
CS7654
48
Flare Control 3 (29h at SA 0x34h)
Cb_L
[9:2]
Flare control filter Cb low threshold bits 9-2 (MSB). (Bits 1 and 0 set to 0.)
Flare Control 4 (2Ah at SA 0x34h)
Cr_H
[9:2]
Flare control filter Cr high threshold bits 9-2 (MSB).
Flare Control 5 (2Bh at SA 0x34h)
Cb_H
[9:2]
Flare control filter Cb high threshold bits 9-2 (MSB). (Bits 1 and 0 set to 0.)
Flare Control 6 (2Ch at SA 0x34h)
Cr_L
[1:0]
Flare control filter Cr low threshold bits 1 and 0.
Cb_L
[1:0]
Flare control filter Cb low threshold bits 1 and 0.
Cr_H
[1:0]
Flare control filter Cr high threshold bits 1 and 0.
Cb_H
[1:0]
Flare control filter Cb high threshold bits 1 and 0.
Scaler Control 1 (2Dh at SA 0x34h)
PLL_M
[4:0]
This is the PLL M value when the CUSTOM bit (bit 3 register 04h) is set.
BYPASS
[1:0]
See PLL section.
Scaler Control 2 (2Eh at SA 0x34h)
PLL_N
[4:0]
This is the PLL N value when the CUSTOM bit (bit 3 register 04h
at SA 0x34h) is set.
HALF
Sets the internal PLL reference clock to 1/2 the input clock.
76543210
Cb_L9
Cb_L8
Cb_L7
Cb_L6
Cb_L5
Cb_L4
Cb_L3
Cb_L2
R/W
76543210
Cr_H9
Cr_H
Cr_H7
Cr_H6
Cr_H5
Cr_H4
Cr_H3
Cr_H2
R/W
76543210
Cb_H9
Cb_H8
Cb_H7
Cb_H6
Cb_H5
Cb_H4
Cb_H3
Cb_H2
R/W
76543210
Cb_H1
Cb_H0
Cr_H1
Cr_H0
Cb_L1
Cb_L0
Cr_L1
Cr_L0
R/W
R/W
R/W
R/W
76543210
BYPASS1
BYPASS0
res
PLL_M4
PLL_M3
PLL_M2
PLL_M1
PLL_M0
R/W
Reserved
R/W
76543210
HALF
res
res
PLL_N4
PLL_N3
PLL_N2
PLL_N1
PLL_N0
R/W
Reserved
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com