Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 31Page - Cirrus Logic CS7654 Datasheet HTML 32Page - Cirrus Logic CS7654 Datasheet HTML 33Page - Cirrus Logic CS7654 Datasheet HTML 34Page - Cirrus Logic CS7654 Datasheet HTML 35Page - Cirrus Logic CS7654 Datasheet HTML 36Page - Cirrus Logic CS7654 Datasheet HTML 37Page - Cirrus Logic CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
CS7654
35
Control Register 6 at SA 0x00h
Address
0
×06
CONTROL_6
Read/Write
Default Value = 00h
Background Color Register at SA 0x00h
Address
0
×08
BKG_COLOR
Read/Write
Default Value = 03h
GPIO Control Register at SA 0x00h
Address
0
×09
GPIO__REG
Read/Write
Default Value = 00h
Default
00
000
Reserved
Bit
Mnemonic
Function
7-
reserved
6LOW IMP
selects between high output impedance (0) or low output impedance (1) mode of DACs
5EN COM
enable DAC for composite output 0: tri-state, 1: enable
4EN L
enable s-video DAC for luma output 0: tri-state, 1: enable
3EN C
enable s-video DAC for chroma output 0: tri-state, 1: enable
2:0
-
Reserved set to 0
Bit Number
76
54
32
10
Bit Name
res
CLIP OFF
res
res
res
res
res
res
Default
00
00
00
00
Bit
Mnemonic
Function
7
res
set to 0
6CLIP OFF
Clipping input signals disable (0: clipping active 1: no clipping)
5:0
res
set to 0
Bit Number
76
543
210
Bit Name
BG
Default
00
000
011
Bit
Mnemonic
Function
7:0
BG
Background color (7:5 = R, 4:2 = G, 1:0 = B) (default is 0000 0011 - blue)
Bit Number
76
543
210
Bit Name
GPR_CNTRL
Default
res
res
res
res
res
0
0
0
Bit
Mnemonic
Function
2:0
GPR CNTRL
Input(0)/output(1) control of GPIO registers (bit 0: GPIO(0), bit 2: GPIO(2))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com