Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 38Page - Cirrus Logic CS7654 Datasheet HTML 39Page - Cirrus Logic CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic CS7654 Datasheet HTML 42Page - Cirrus Logic CS7654 Datasheet HTML 43Page - Cirrus Logic CS7654 Datasheet HTML 44Page - Cirrus Logic CS7654 Datasheet HTML 45Page - Cirrus Logic CS7654 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
CS7654
42
I2CBUSY
Logic high indicates that the CS7654 secondary I2C master is busy accessing the addressed
slave device.
INITACT
Logic high indicates the CS7654 master is busy initializing registers from the external I2C
EEPROM on the secondary I2C bus (if present).
HIZENB
Pin 44 status.
P4BYTE
Pin 46 status.
PIN I/O Control (02h at SA 0x34h)
PLLOUT
Logic high enables the PLL clock output to the CS7615 (pin 51).
Digital Gain Register (03h at SA 0x34h)
DG[0:4]
Controls the digital gain applied to the SVID_Y (Luminance) signal after the RGB to YCrCb con-
verter block. The range of gains are from 0 to 31/8 in increments of 1/8. A gain of 0, indicates
no brightness.
Scaler Control (04h at SA 0x34h)
MODE[2:0]
Selects 1 of 8 pre-defined scaling ratios.
CUSTOM
When set, scaler uses custom values held in registers 2Dh-2Fh.
Feature Control Register (05h at SA 0x34h)
AWB
The Automatic White Balance procedure is initiated by pointing to a white scene and setting this
bit high. The bit will return a logic high while the AWB procedure is in progress. Setting this bit
low will have no effect. This bit will always be read as a “0” when the AWB is not in progress.
GAMON
The gamma correction from the gamma ram look up table is applied to the video signal in R-G-
B space when this bit is set high. The gamma ram is a fully user programmable, 256 entry look
up table.
LUMOFF
Setting LUMOFF bit high disables the luma peaking filter.
CHROFF
Setting the CHROFF bit high disables the chroma low-pass filter for minimizing color aliasing.
76543210
res
res
res
res
res
res
res
PLLOUT
Reserved
Reserved
Reserved
R/W
76543210
res
res
res
DG4
DG3
DG2
DG1
DG0
Reserved
R/W
76543210
res
res
res
res
CUSTOM
MODE2
MODE1
MODE0
Reserved
Reserved
Reserved
R/W
R/W
76543210
res
res
res
CHROFF
LUMOFF
GAMON
AWB
res
Reserved
R/W
R/W
R/W
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com