Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 9Page - Cirrus Logic CS7654 Datasheet HTML 10Page - Cirrus Logic CS7654 Datasheet HTML 11Page - Cirrus Logic CS7654 Datasheet HTML 12Page - Cirrus Logic CS7654 Datasheet HTML 13Page - Cirrus Logic CS7654 Datasheet HTML 14Page - Cirrus Logic CS7654 Datasheet HTML 15Page - Cirrus Logic CS7654 Datasheet HTML 16Page - Cirrus Logic CS7654 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
CS7654
13
INTERNAL PROCESSING
The internal operation of the CS7654 can be sepa-
rated into several distinct blocks. The following
section provides an overview of how these blocks
operate and interact.
Input Data Format and Chroma Separator
The CS7654 accepts up to 10-bit MYCG image
data from a CCD digitizer such as the CS7615.
The CS7654 internally converts the four-color
CCD MYCG interlaced image data into the various
color space formats. These include RGB and YUV,
as well as YCrCb. The individual image adjust-
ments are performed in the most appropriate color
space representation. Ultimately the image is con-
verted to YCrCb format for outputting digital data.
The same digital output data is also encoded in the
digital video encoder post processor section and
converted to analog NTSC or PAL.
White Balance and Gamma Correction
The red and blue color balances can be adjusted
through the I2C control port. During the AWB (au-
tomatic white balance) sequence the red level is ad-
justed
to
minimize
the
(Y-R)
difference
component; similarly the blue level is adjusted to
minimize the (Y-B) color difference component.
An automatic white balance is initiated by writing
a 1 to register 05h bit 1 at SA 0x34h. For manual
control, the red balance is accessed through register
08h, and the blue balance is accessed through reg-
ister 09h ( both at SA 0x34h).
Gamma correction is provided to offset the non-lin-
ear illumination profile of the display device. Sep-
arate 256 entry tables are supplied for red, green,
and blue. Each entry is 8-bits. The gamma table is
programmed through register 0Ch at SA 0x34h.
The write format is similar to the write format de-
scribed in the normal I2C operation section later in
this document. The first byte contains the CS7654
device address and write bit, the second byte con-
tains the CS7654 gamma table register address
(0Ch), the third byte determines which gamma
RAM to update (red, green, and blue), the next 256
bytes contain the gamma table entries.
The blue gamma RAM is selected by setting regis-
ter 0Ch bit 0 to a one; the green gamma RAM is se-
lected by setting register 0Ch bit 1 to a one; and the
red gamma RAM is selected by setting register 0Ch
bit 2 to a one. Any, or all of the gamma RAMs may
be selected . The most common implementation is
to write the same gamma table to all 3 RAMs by
setting bits 0-2 high. The gamma table itself is
loaded from low to high. The first byte after the
RAM selection byte will correspond to the value
used when the input data is 00h, the 256th byte after
the RAM selection byte will correspond to the val-
ue used when the input data is FFh.
The gamma table is read in a similar manner. How-
ever, certain restrictions are made to reads. First,
the gamma RAMs may only be read one at a time
(RAM selection byte = 01,02,04 only) and, second,
the gamma table may only be read when gamma
correction is disabled (register 05 bit2 = 0).
Chroma Kill
As the brightness of an image increases, the green,
yellow, cyan, and magenta pixels within the CCD
array will saturate at different intensity levels. As a
result, a highly illuminated object or light source
may start to look cyan. To overcome this effect, an
internal Chroma kill circuit compares the luma and
chroma values of each pixel to a set of programma-
ble thresholds. If the pixel’s luma value is greater
than the Y_THR value (register 27h at SA 0x34h )
and its Cr and Cb values are between the
CR_THR_H , CR_THR_L , CB_THR_H, and
CB_THR_L threshold values respectively, then
that pixel will lose its chroma value (become
white.) These thresholds are stored in registers 27h
- 2Ch at SA 0x34h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com