Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 40Page - Cirrus Logic CS7654 Datasheet HTML 41Page - Cirrus Logic CS7654 Datasheet HTML 42Page - Cirrus Logic CS7654 Datasheet HTML 43Page - Cirrus Logic CS7654 Datasheet HTML 44Page - Cirrus Logic CS7654 Datasheet HTML 45Page - Cirrus Logic CS7654 Datasheet HTML 46Page - Cirrus Logic CS7654 Datasheet HTML 47Page - Cirrus Logic CS7654 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
CS7654
44
Blue Balance Register (09h at SA 0x34h)
BB[7:0]
The Blue Balance register controls the blue contribution to the B-Y chrominance signal. When
the register value is 00h, the blue contribution is minimized; when the register value is FFh, the
blue contribution is maximized. When the AWB correction is in progress, this register value is
adjusted such that the absolute magnitude of the B-Y signal is minimized.
Red Saturation Register (0Ah at SA 0x34h)
RS[7:0]
The Red Saturation register value controls the amplitude of the R-Y chrominance signal. When
the register value is 00h, the amplitude of the R-Y is minimized; when the register value is FFh,
the amplitude of the R-Y is maximized.
Blue Saturation Register (0Bh at SA 0x34h)
BS[7:0]
The Blue Saturation register value controls the amplitude of the B-Y chrominance signal. When
the register value is 00h, the amplitude of the B-Y is minimized; when the register value is FFh,
the amplitude of the B-Y is maximized.
Gamma Correction Register (0Ch at SA 0x34h)
Writing to the gamma register (0Ch
at SA 0x34h) selects the R, G, and/or B RAM. Continuing data writes without
sending a stop bit after the register write results in writes to the ram locations starting with 00h and continuing to
FFh. Reads from register 0Ch function in a similar way. NOTE: All three gamma rams may be selected for simulta-
neous writes, but read should be done one ram table at a time.
GC0
Logic “1” selects BLUE gamma RAM for subsequent access.
GC1
Logic “1” selects GREEN gamma RAM for subsequent ram access.
GC2
Logic “1” selects RED gamma RAM for subsequent ram access.
GC[0:7]
Provide R/W access to RAM after gamma RAM table has been selected.
Test Control A Register (0Eh at SA 0x34h)
This register is reserved
76543210
BB7
BB6
BB5
BB4
BB3
BB2
BB1
BB0
R/W
76543210
RS7RS6
RS5
RS4
RS3RS2
RS1RS0
R/W
76543210
BS7
BS6
BS5
BS4
BS3
BS2
BS1
BS0
R/W
76543210
GC7
GC6
GC5
GC4
GC3
GC2
GC1
GC0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com