Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7654 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS7654
Description  CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7654 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS7654 Datasheet HTML 28Page - Cirrus Logic CS7654 Datasheet HTML 29Page - Cirrus Logic CS7654 Datasheet HTML 30Page - Cirrus Logic CS7654 Datasheet HTML 31Page - Cirrus Logic CS7654 Datasheet HTML 32Page - Cirrus Logic CS7654 Datasheet HTML 33Page - Cirrus Logic CS7654 Datasheet HTML 34Page - Cirrus Logic CS7654 Datasheet HTML 35Page - Cirrus Logic CS7654 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
CS7654
32
REGISTER DESCRIPTION
Control Registers of encoder section :SA0x00
Address
Register Name
Type
Defaultvalue
0
×00
control_0
r/w
01h
0
×01
control_1
r/w
02h
0
×02
control_2
r/w
00h
0
×03
control_3
r/w
00h
0
×04
control_4
r/w
3Fh
0
×05
control_5
r/w
00h
0
×06
control_6
r/w
00h
0
×07
RESERVED
0
×08
bkg_color
r/w
03h
0
×09
gpio_ctrl_reg
r/w
00h
0
×0A
gpio_data_reg
r/w
00h
0
×0B - 0×0C
RESERVED
0
×0D
SYNC_0
r/w
90h
0
×0E
SYNC_1
r/w
F4h
0
×0F
I2C_ADR
r/w
00h
0
×10
SC_AMP
r/w
1Ch
0
×11
SC_SYNTH0
r/w
3Eh
0
×12
SC_SYNTH1
r/w
F8h
0
×13
SC_SYNTH2
r/w
E0h
0
×14
SC_SYNTH3
r/w
43h
0
×15
HUE_LSB
r/w
00h
0
×16
HUE_MSB
r/w
00h
0
×17
SCH PHASE ADJUST
r/w
00h
0
×18
CC_EN
r/w
00h
0
×19
CC_21_1
r/w
00h
0
×1A
CC_21_2
r/w
00h
0
×1B
CC_284_1
r/w
00h
0
×1C
CC_284_2
r/w
00h
0
×1D - 0×21
RESERVED
0
×22
CB_AMP
r/w
80h
0
×23
CR_AMP
r/w
80h
0
×24
Y_AMP
r/w
80h
0
×25
R_AMP
r/w
80h
0
×26
G_AMP
r/w
80h
0
×27
B_AMP
r/w
80h
0
×28
BRIGHT_OFFSET
r/w
00h
0
×29 - 0×31
RESERVED
0
×32
INT_EN
r/w
00h
0
×33
INT_CLR
r/w
00h
0
×34
STATUS_0
read only
0
×35 - 0×59
RESERVED
0
×5A
STATUS_1
read only
04h
0
×61 - 0×7F
RESERVED
Table 13. Encoder Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com