Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 224 page
background image
Rev. 1.00
4�
De�e��e� �1� �01�
Rev. 1.00
47
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
EEPROM Data Memory
ThesedevicescontainanareaofinternalEEPROMDataMemory.EEPROM,whichstandsfor
ElectricallyErasableProgrammableReadOnlyMemory,isbyitsnatureanon-volatileform
ofre-programmablememory,withdataretentionevenwhenitspowersupplyisremoved.By
incorporatingthiskindofdatamemory,awholenewhostofapplicationpossibilitiesaremade
availabletothedesigner.TheavailabilityofEEPROMstorageallowsinformationsuchasproduct
identificationnumbers,calibrationvalues,specificuserdata,systemsetupdataorotherproduct
informationtobestoreddirectlywithintheproductmicrocontroller.Theprocessofreadingand
writingdatatotheEEPROMmemoryhasbeenreducedtoaverytrivialaffair.
Device
Capacity
Address
HT��F4530
3�×8
00H~1FH
HT��F4540
�4×8
00H~3FH
HT��F4550
�4×8
00H~3FH
EEPROM Data Memory Structure
TheEEPROMDataMemorycapacityis32×8to64×8bitsforthesedevices.UnliketheProgram
MemoryandRAMDataMemory,theEEPROMDataMemoryisnotdirectlymappedintomemory
spaceandisthereforenotdirectlyaddressableinthesamewayastheothertypesofmemory.Read
andWriteoperationstotheEEPROMarecarriedoutinsinglebyteoperationsusinganaddressand
adataregisterinSector0andasinglecontrolregisterinSector1.
EEPROM Registers
ThreeregisterscontroltheoveralloperationoftheinternalEEPROMDataMemory.Thesearethe
addressregister,EEA,thedataregister,EEDandasinglecontrolregister,EEC.AsboththeEEA
andEEDregistersarelocatedinSector0,theycanbedirectlyaccessedinthesamewayasanyother
SpecialFunctionRegister.TheEECregisterhowever,beinglocatedinSector1,canbereadfromor
writtentoindirectlyusingtheMP1L/MP1HorMP2L/MP2HMemoryPointerandIndirectAddressing
Register,IAR1/IAR2.BecausetheEECcontrolregisterislocatedataddress40HinSector1,the
MP1LorMP2LMemoryPointermustfirstbesettothevalue40HandtheMP1HorMP2HMemory
Pointerhighbytesettothevalue,01H,beforeanyoperationsontheEECregisterareexecuted.
Register Name
Bit
7
6
5
4
3
2
1
0
EEA(HT��F4530)
—
—
—
EEA4
EEA3
EEA�
EEA1
EEA0
EEA(HT��F4540/
HT��F4550)
—
—
EEA5
EEA4
EEA3
EEA�
EEA1
EEA0
EED
D7
D�
D5
D4
D3
D�
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD
EEPROM Registers List
EEA Register – HT66F4530
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
EEA4
EEA3
EEA�
EEA1
EEA0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas"0"
Bit4~0
EEA4~EEA0:DataEEPROMaddress
DataEEPROMaddressbit4~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com