Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 224 page
background image
Rev. 1.00
7�
De�e��e� �1� �01�
Rev. 1.00
77
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC~PDC,tocontroltheinput/output
configuration.Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigured
dynamicallyundersoftwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinits
associatedportcontrolregister.FortheI/Opintofunctionasaninput,thecorrespondingbitofthe
controlregistermustbewrittenasa"1".Thiswillthenallowthelogicstateoftheinputpintobe
directlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa"0",
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.However,itshouldbenotedthattheprogramwillinfact
onlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusoftheoutputpin.
PxC Register
Bit
7
6
5
4
3
2
1
0
Na�e
PxC7
PxC�
PxC5
PxC4
PxC3
PxC�
PxC1
PxC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PxCn:I/OPortxPintypeselection
0:Output
1:Input
ThePxCnbitisusedtocontrolthepintypeselection.Herethe"x"canbeA,B,CorD.However,
theactualavailablebitsforeachI/OPortmaybedifferent.
I/O Port Sink Current Control
ThesedevicessupportdifferentsinkcurrentdrivingcapabilityonlyforPB0andPB1pins.Withthe
correspondingselectionregister,SKLEDC,thesepinscansupportfourlevelsofthesinkcurrent
drivingcapability.UsersshouldrefertotheInput/OutputCharacteristicssectiontoselectthedesired
sinkcurrentfordifferentapplications.
SKLEDC Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
SKLEDC1
SKLEDC0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
SKLEDC1~SKLEDC0:PB1~PB0sinkcurrentselection
00:Sinkcurrent=Level0(Min.)
01:Sinkcurrent=Level1
10:Sinkcurrent=Level2
11:Sinkcurrent=Level3(Max.)
Note:UsersshouldrefertotheInput/OutputCharacteristicssectiontoobtaintheexact
valuefordifferentapplications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com