Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 224 page
background image
Rev. 1.00
9�
De�e��e� �1� �01�
Rev. 1.00
93
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Standard Type TM Register Description
OveralloperationoftheStandardTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whilearead/writeregisterpairexiststostore
theinternal10-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesaswellasthreeCCRPbits.
Register
Name
Bit
7
6
5
4
3
2
1
0
STMnC0 STnPAU STnCK� STnCK1 STnCK0
STnON
STnRP� STnRP1 STnRP0
STMnC1
STnM1
STnM0
STnIO1
STnIO0
STnOC
STnPOL STnDPX STnCCLR
STMnDL
D7
D�
D5
D4
D3
D�
D1
D0
STMnDH
—
—
—
—
—
—
D9
D8
STMnAL
D7
D�
D5
D4
D3
D�
D1
D0
STMnAH
—
—
—
—
—
—
D9
D8
10-bit Standard TM Registers List – n=0 or 1
STMnC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
STnPAU STnCK� STnCK1 STnCK0
STnON
STnRP� STnRP1 STnRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
STnPAU:STMnCounterPausecontrol
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheSTMnwillremainpowered
upandcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhen
thisbitchangesfromlowtohighandresumecountingfromthisvaluewhenthebit
changestoalowvalueagain.
Bit6~4
STnCK2~STnCK0:SelectSTMnCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fSUB
101:fSUB
110:STCKnrisingedgeclock(unavailableforHT66F4530)
111:STCKnfallingedgeclock(unavailableforHT66F4530)
ThesethreebitsareusedtoselecttheclocksourcefortheSTMn.Theexternalpin
clocksourcecanbechosentobeactiveontherisingorfallingedge.Theclocksource
fSYSisthesystemclock,whilefHandfSUBareotherinternalclocks,thedetailsofwhich
canbefoundintheoscillatorsection.
Bit3
STnON:STMnCounterOn/Offcontrol
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheSTMn.Settingthebithighenables
thecountertorunwhileclearingthebitdisablestheSTMn.Clearingthisbittozero
willstopthecounterfromcountingandturnofftheSTMnwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal
counterwillretainitsresidualvalueuntilthebitreturnshighagain.IftheSTMnisin
theCompareMatchOutputMode,PWMOutputModeorSinglePulseOutputMode
thentheSTMnoutputpinwillberesettoitsinitialcondition,asspecifiedbythe
STnOCbit,whentheSTnONbitchangesfromlowtohigh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com