Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 224 page
background image
Rev. 1.00
34
De�e��e� �1� �01�
Rev. 1.00
35
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthesedevices
theProgramMemoryisFlashtype,whichmeansitcanbeprogrammedandre-programmeda
largenumberoftimes,allowingtheusertheconvenienceofcodemodificationonthesamedevice.
Byusingtheappropriateprogrammingtools,theseFlashdevicesofferuserstheflexibilityto
convenientlydebuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogramming
andupdating.
Device
Capacity
HT��F4530
�K×1�
HT��F4540
4K×1�
HT��F4550
8K×1�
Structure
TheProgramMemoryhasacapacityof2K×16to8K×16bits.TheProgramMemoryisaddressed
bytheProgramCounterandalsocontainsdata,tableinformationandinterruptentries.Tabledata,
whichcanbesetupinanylocationwithintheProgramMemory,isaddressedbyaseparatetable
pointerregister.
000H
Initialisation Ve�to�
004H
FFFH
1� �its
Inte��upt Ve�to�s
030H
Look-up Ta�le
n00H
nFFH
HT66F4540
Initialisation Ve�to�
1� �its
Inte��upt Ve�to�s
Look-up Ta�le
HT66F4550
1FFFH
Initialisation Ve�to�
1� �its
Inte��upt Ve�to�s
Look-up Ta�le
HT66F4530
034H
7FFH
Program Memory Structure
Special Vectors
WithintheProgramMemory,certainlocationsarereservedfortheresetandinterrupts.Thelocation
0000Hisreservedforusebythesedevicesresetforprograminitialisation.Afteradeviceresetis
initiated,theprogramwilljumptothislocationandbeginexecution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com