Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 224 page
background image
Rev. 1.00
80
De�e��e� �1� �01�
Rev. 1.00
81
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
• PAS0 Register – HT66F4550
Bit
7
6
5
4
3
2
1
0
Na�e
PAS07
PAS0�
PAS05
PAS04
PAS03
PAS0�
PAS01
PAS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PAS07~PAS06:PA3Pin-Sharedfunctionselection
00:PA3
01:SCOM0
10:SCS
11:DACO
Bit5~4
PAS05~PAS04:PA2Pin-Sharedfunctionselection
00:PA2
01:TX
10:PA2
11:PA2
Bit3~2
PAS03~PAS02:PA1Pin-Sharedfunctionselection
00:PA1/STP0I
01:SDI/SDA
10:PA1/STP0I
11:PA1/STP0I
Bit1~0
PAS01~PAS00:PA0Pin-Sharedfunctionselection
00:PA0
01:RX
10:PA0
11:PA0
• PAS1 Register – HT66F4530
Bit
7
6
5
4
3
2
1
0
Na�e
PAS17
PAS1�
PAS15
PAS14
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit7~6
PAS17~PAS16:PA7Pin-Sharedfunctionselection
00:PA7
01:STP0
10:AN2
11:A1NI
Bit5~4
PAS15~PAS14:PA6Pin-Sharedfunctionselection
00:PA6
01:AN0
10:A1O
11:PA6
Bit3~0
Unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com