Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 224 page
background image
Rev. 1.00
�4
De�e��e� �1� �01�
Rev. 1.00
�5
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Low Speed Internal Oscillator Characteristics – LIRC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Temp.
fLIRC
LIRC F�equen�y
�.�V~5.5V
Ta=�5°C
-5%
3�
+5%
kHz
Ta= -40°C~85°C
-10%
3�
+10%
tSTART
LIRC Sta�t Up Ti�e
3V
Ta= -40°C~85°C
—
—
500
μs
5V
—
—
500
Duty Cy�le
Duty Cy�le
—
Ta= -40°C~85°C
10
—
90
%
Note:TrimfrequencyatVDD=3V,andonlyverifytheseparametersatVDD=3V.
Operating Frequency Characteristic Curves
System Operating Frequency
Operating Voltage
4MHz
8MHz
1�MHz
�.�V
�.7V
5.5V
System Start Up Time Characteristics
Ta= -40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tSST
Syste� Sta�t-up Ti�e
Wake-up f�o� �ondition whe�e fSYS
is off
fSYS=fH ~ fH/�4� fH=fHXT
—
1�8
—
tHXT
fSYS=fH ~ fH/�4� fH=fHIRC
—
1�
—
tHIRC
fSYS=fSUB=fLXT
—
10�4
—
tLXT
fSYS=fSUB=fLIRC
—
�
—
tLIRC
Syste� Sta�t-up Ti�e
Wake-up f�o� �ondition whe�e fSYS
is on
fSYS=fH ~ fH/�4� fH=fHXT o� fHIRC
—
�
—
tH
fSYS=fSUB=fLXT o� fLIRC
—
�
—
tSUB
Syste� Speed Swit�h Ti�e
FAST to SLOW Mode o�
SLOW to FAST Mode
fHXT swit�hes f�o� off → on
—
10�4
—
tHXT
fHIRC swit�hes f�o� off → on
—
1�
—
tHIRC
fLXT swit�hes f�o� off → on
—
10�4
—
tLXT
tRSTD
Syste� Reset Delay Ti�e
Reset sou��e f�o� Powe�-on �eset
o� LVR ha�dwa�e �eset
RRPOR=5V/�s
4�
48
54
�s
Syste� Reset Delay Ti�e
LVRC/WDTC/RSTC softwa�e �eset
—
Syste� Reset Delay Ti�e
Reset source from WDT overflow or
RES pin �eset
—
14
1�
18
�s
tSRESET
Mini�u� Softwa�e Reset Width to
Reset
—
45
90
1�3
μs
Notes:FortheSystemStart-uptimevalues,whetherfSYSisonoroffdependsuponthemodetypeandthechosen
fSYSsystemoscillator.DetailsareprovidedintheSystemOperatingModessection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com