Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 224 page
background image
Rev. 1.00
80
De�e��e� �1� �01�
Rev. 1.00
81
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
• PAS1 Register – HT66F4540/HT66F4550
Bit
7
6
5
4
3
2
1
0
Na�e
PAS17
PAS1�
PAS15
PAS14
PAS13
PAS1�
PAS11
PAS10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PAS17~PAS16:PA7Pin-Sharedfunctionselection
00:PA7
01:STP0
10:AN2
11:A1NI
Bit5~4
PAS15~PAS14:PA6Pin-Sharedfunctionselection
00:PA6/PTCK1
01:AN0
10:A1O
11:PA6/PTCK1
Bit3~2
PAS13~PAS12:PA5Pin-Sharedfunctionselection
00:PA5/STCK0
01:RX
10:AN5
11:VREF
Bit1~0
PAS11~PAS10:PA4Pin-Sharedfunctionselection
00:PA4/INT0
01:SCK/SCL
10:VREF
11:SCOM3
• PBS0 Register – HT66F4530
Bit
7
6
5
4
3
2
1
0
Na�e
PBS07
PBS0�
—
—
PBS03
PBS0�
PBS01
PBS00
R/W
R/W
R/W
—
—
R/W
R/W
R/W
R/W
POR
0
0
—
—
0
0
0
0
Bit7~6
PBS07~PBS06:PB3Pin-Sharedfunctionselection
00:PB3
01:AN1
10:A1PI
11:PB3
Bit5~4
Unimplemented,readas"0"
Bit3~2
PBS03~PBS02:PB1Pin-Sharedfunctionselection
00:PB1/INT1
01:AN4
10:PB1/INT1
11:XT2
Bit1~0
PBS01~PBS00:PB0Pin-Sharedfunctionselection
00:PB0/INT0
01:PTP0
10:AN3
11:XT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com